Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA166UA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA166UA
Description  Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA166UA Datasheet(HTML) 2 Page - Texas Instruments

  INA166UA Datasheet HTML 1Page - Texas Instruments INA166UA Datasheet HTML 2Page - Texas Instruments INA166UA Datasheet HTML 3Page - Texas Instruments INA166UA Datasheet HTML 4Page - Texas Instruments INA166UA Datasheet HTML 5Page - Texas Instruments INA166UA Datasheet HTML 6Page - Texas Instruments INA166UA Datasheet HTML 7Page - Texas Instruments INA166UA Datasheet HTML 8Page - Texas Instruments INA166UA Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
INA166
2
SBOS178
INA166UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GAIN
Gain Error
±0.3
±1%
Gain Temp Drift Coefficient
±10
ppm/
°C
Nonlinearity
±0.005
% of FS
INPUT REFERRED NOISE
Voltage Noise
RSOURCE = 0Ω
fO = 1kHz
1.3
nV/
√Hz
fO = 100Hz
1.6
nV/
√Hz
fO = 10Hz
2
nV/
√Hz
Current Noise
fO = 1kHz
0.8
pA/
√Hz
INPUT OFFSET VOLTAGE
Input Offset Voltage
VCM = VOUT = 0V
±50
±250
µV
vs Temperature
TA = TMIN to TMAX
±2.5
µV/°C
vs Power Supply
VS = ±4.5V to ±18V
±1
±3
µV/V
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VIN
+ – V
IN
= 0V
(V+) – 4
(V+) – 3V
VIN
+ – V
IN
= 0V
(V–) + 4
(V–) + 3
V
Common-Mode Rejection
VCM = ±1V, RSRC = 0Ω
100
120
dB
INPUT BIAS CURRENT
Initial Bias Current
2.5
12
µA
vs Temperature
15
nA/
°C
Initial Offset Current
0.1
1
µA
vs Temperature
0.5
nA/
°C
INPUT IMPEDANCE
Differential
60
 2MΩ pF
Common-Mode
60
 2MΩ pF
DYNAMIC RESPONSE
Bandwidth, Small Signal, –3dB
450
kHz
Slew Rate
15
V/
µs
THD+Noise, f = 1kHz
0.09
%
Settling Time, 0.1%
5V Step
2.5
µs
0.01%
5V Step
3.5
µs
Overload Recovery
50% Overdrive
1
µs
OUTPUT
Voltage
RL = 2kΩ to Ground
(V+) – 2
(V+) – 1.8
V
(V–) + 2
(V–) + 1.8
V
Load Capacitance Stability
1000
pF
Short-Circuit Current
Continuous-to-Common
±60
mA
POWER SUPPLY
Rated Voltage
±5V
Voltage Range
±4.5
±18
V
Current, Quiescent
IO = 0mA
±10
±12
mA
TEMPERATURE RANGE
Specification
–40
+85
°C
Operating
–40
+125
°C
Thermal Resistance,
θ
JA
100
°C/W
SPECIFICATIONS: VS = ±5V
TA = +25°C and at rated supplies, VS = ±5V, RL = 2kΩ connected to ground, G = 2000, unless otherwise noted.


Similar Part No. - INA166UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA166UA TI-INA166UA Datasheet
148Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA TI1-INA166UA Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA/2K5 TI-INA166UA/2K5 Datasheet
148Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA/2K5 TI1-INA166UA/2K5 Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA/2K5G4 TI1-INA166UA/2K5G4 Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA166UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166 Datasheet
148Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8428 AD-AD8428 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
[Old version datasheet]   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA217 TI1-INA217 Datasheet
966Kb / 25P
[Old version datasheet]   Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA217 TI-INA217_07 Datasheet
342Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com