Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA627 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA627
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627 Datasheet(HTML) 3 Page - Texas Instruments

  OPA627_07 Datasheet HTML 1Page - Texas Instruments OPA627_07 Datasheet HTML 2Page - Texas Instruments OPA627_07 Datasheet HTML 3Page - Texas Instruments OPA627_07 Datasheet HTML 4Page - Texas Instruments OPA627_07 Datasheet HTML 5Page - Texas Instruments OPA627_07 Datasheet HTML 6Page - Texas Instruments OPA627_07 Datasheet HTML 7Page - Texas Instruments OPA627_07 Datasheet HTML 8Page - Texas Instruments OPA627_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
®
OPA627, 637
PIN CONFIGURATIONS
DIP/SOIC
Top View
Offset Trim
–In
+In
–V
No Internal Connection
+V
Output
Offset Trim
S
S
1
2
3
4
8
7
6
5
Top View
TO-99
Offset Trim
–In
Output
Offset Trim
+In
–V
S
+V
S
No Internal Connection
Case connected to –V
S.
8
1
2
3
4
5
6
7
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage ..................................................................................
±18V
Input Voltage Range .............................................. +VS + 2V to –VS – 2V
Differential Input Range ....................................................... Total VS + 4V
Power Dissipation ........................................................................ 1000mW
Operating Temperature
M Package .................................................................. –55
°C to +125°C
P, U Package ............................................................. –40
°C to +125°C
Storage Temperature
M Package .................................................................. –65
°C to +150°C
P, U Package ............................................................. –40
°C to +125°C
Junction Temperature
M Package .................................................................................. +175
°C
P, U Package ............................................................................. +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
SOlC (soldering, 3s) ................................................................... +260
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
PACKAGE DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
OPA627AP
Plastic DIP
006
–25
°C to +85°C
OPA627BP
Plastic DIP
006
–25
°C to +85°C
OPA627AU
SOIC
182
–25
°C to +85°C
OPA627AM
TO-99 Metal
001
–25
°C to +85°C
OPA627BM
TO-99 Metal
001
–25
°C to +85°C
OPA627SM
TO-99 Metal
001
–55
°C to +125°C
OPA637AP
Plastic DIP
006
–25
°C to +85°C
OPA637BP
Plastic DIP
006
–25
°C to +85°C
OPA637AU
SOIC
182
–25
°C to +85°C
OPA637AM
TO-99 Metal
001
–25
°C to +85°C
OPA637BM
TO-99 Metal
001
–25
°C to +85°C
OPA637SM
TO-99 Metal
001
–55
°C to +125°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.


Similar Part No. - OPA627_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA627/637 TI-OPA627/637 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA627AM BURR-BROWN-OPA627AM Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627AP BURR-BROWN-OPA627AP Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA627_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com