Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C1001-25BTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # M27C1001-25BTR
Description  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-25BTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M27C1001-25BTR Datasheet HTML 4Page - STMicroelectronics M27C1001-25BTR Datasheet HTML 5Page - STMicroelectronics M27C1001-25BTR Datasheet HTML 6Page - STMicroelectronics M27C1001-25BTR Datasheet HTML 7Page - STMicroelectronics M27C1001-25BTR Datasheet HTML 8Page - STMicroelectronics M27C1001-25BTR Datasheet HTML 9Page - STMicroelectronics M27C1001-25BTR Datasheet HTML 10Page - STMicroelectronics M27C1001-25BTR Datasheet HTML 11Page - STMicroelectronics M27C1001-25BTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Device description
M27C1001
8/24
2
Device description
Table 2 lists the operating modes of the M27C1001. A single power supply is required in
Read mode. All inputs are TTL levels except for VPP and 12V on A9 for Electronic Signature.
Note:
X = V
IH or VIL, VID = 12V ± 0.5V.
2.1
Read mode
The M27C1001 has two control functions, both of which must be logically active in order to
obtain data at the outputs. Chip Enable (E) is the power control and should be used for
device selection. Output Enable (G) is the output control and should be used to gate data to
the output pins, independent of device selection. Assuming that the addresses are stable,
the address access time (tAVQV) is equal to the delay from E to output (tELQV). Data is
available at the output after a delay of tGLQV from the falling edge of G, assuming that E has
been low and the addresses have been stable for at least tAVQV-tGLQV.
2.2
Standby mode
The M27C1001 has a standby mode which reduces the supply current from 30mA to 100µA.
The M27C1001 is placed in the standby mode by applying a CMOS high signal to the E
input. When in the standby mode, the outputs are in a high impedance state, independent of
the G input.
2.3
Two-line output control
Because EPROMs are usually used in larger memory arrays, this product features a 2-line
control function which accommodates the use of multiple memory connection. The two line
control function allows:
the lowest possible memory power dissipation,
complete assurance that output bus contention will not occur.
For the most efficient use of these two control lines, E should be decoded and used as the
primary device selecting function, while G should be made a common connection to all
devices in the array and connected to the READ line from the system control bus. This
Table 2.
Operating Modes
Mode
E
G
P
A9
VPP
Q7-Q0
Read
VIL
VIL
XX
VCC or VSS
Data Out
Output Disable
VIL
VIH
XX
VCC or VSS
Hi-Z
Program
VIL
VIH
VIL Pulse
X
VPP
Data In
Verify
VIL
VIL
VIH
XVPP
Data Out
Program Inhibit
VIH
XX
X
VPP
Hi-Z
Standby
VIH
XX
X
VCC or VSS
Hi-Z
Electronic Signature
VIL
VIL
VIH
VID
VCC
Codes


Similar Part No. - M27C1001-25BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C1001-25B1TR STMICROELECTRONICS-M27C1001-25B1TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-25B1X STMICROELECTRONICS-M27C1001-25B1X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-25B3TR STMICROELECTRONICS-M27C1001-25B3TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-25B3X STMICROELECTRONICS-M27C1001-25B3X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-25B6TR STMICROELECTRONICS-M27C1001-25B6TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results

Similar Description - M27C1001-25BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com