Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30108 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # ZL30108
Description  SONET/SDH Network Interface DPLL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30108 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  ZL30108 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL30108 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL30108 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30108 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30108 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30108 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30108 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30108 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30108 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ZL30108
Data Sheet
5
Zarlink Semiconductor Inc.
2.0
Physical Description
2.1
Pin Connections
Figure 2 - Pin Connections (32 pin 5 mm X 5 mm QFN)
ZL30108
26
28
30
32
12
10
8
6
4
2
OSCo
VDD
AVDD
IC
RST
AGND
VDD
REF0
REF_SEL
14
16
18
22
24
20
TIE_CLR
IC
REF1
OSCi
OOR_SEL
GND
MODE_SEL
33
IC (E-pad)


Similar Part No. - ZL30108

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30108 ZARLINK-ZL30108 Datasheet
531Kb / 28P
   Network Interface DPLL
ZL30108LDA ZARLINK-ZL30108LDA Datasheet
531Kb / 28P
   Network Interface DPLL
More results

Similar Description - ZL30108

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30108 ZARLINK-ZL30108 Datasheet
531Kb / 28P
   Network Interface DPLL
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
ZL30407 ZARLINK-ZL30407_06 Datasheet
605Kb / 57P
   SONET/SDH Network Element PLL
ZL30402 ZARLINK-ZL30402_06 Datasheet
470Kb / 44P
   SONET/SDH Network Element PLL
ZL30402 ZARLINK-ZL30402 Datasheet
629Kb / 41P
   SONET/SDH Network Element PLL
ZL30131 ZARLINK-ZL30131 Datasheet
232Kb / 11P
   OC-192/STM-64 SONET/SDH/10GbE Network Interface Synchronizer
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Maxim Integrated Produc...
DS33M33DK MAXIM-DS33M33DK Datasheet
1Mb / 47P
   Includes Optical SFP Module for SONET/SDH Interface
Rev: 102108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com