Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30111 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # ZL30111
Description  POTS Line Card PLL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30111 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button ZL30111 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30111 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30111 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30111 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30111 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30111 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30111 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30111 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL30111 Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ZL30111
Data Sheet
8
Zarlink Semiconductor Inc.
2.0
Functional Description
The ZL30111 POTS line card PLL contains a digital phase-locked loop (DPLL), which provides timing and
synchronization for SLIC/CODEC devices. Figure 1 is a functional block diagram which is described in the
following sections.
2.1
Reference Monitor
The input reference is monitored by two reference monitor blocks. The block diagram of reference monitoring is
shown in Figure 3. The reference frequency is detected and the clock is continuously monitored for two
independent criteria that indicate abnormal behavior of the reference signal, for example; loss of clock or excessive
level of frequency error. To ensure proper operation of the reference monitor circuit, the minimum input pulse
width restriction of 15 nsec must be observed.
• Reference Frequency Detector (RFD): This detector determines whether the frequency of the reference
clock is 8 kHz, 2.048 MHz, 8.192 MHz or 19.44 MHz and provides this information to the various monitor
circuits and the phase detector circuit of the DPLL.
• Coarse Frequency Monitor (CFM): This circuit monitors the reference frequency over intervals of
approximately 30
µs to quickly detect large frequency changes.
• Single Cycle Monitor (SCM): This detector checks the period of a single clock cycle to detect large phase
hits or the complete loss of the clock.
Figure 3 - Reference Monitor Circuit
Exceeding the thresholds of any of the monitors forces the corresponding REF_FAIL pin to go high. The single
cycle and coarse frequency failure flags force the DPLL into FreeRun mode.
Reference Frequency
Detector
Single Cycle
Monitor
Coarse Frequency
Monitor
REF
OR
Mode select
state machine
DPLL in FreeRun Mode
REF_FAIL


Similar Part No. - ZL30111

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30110 ZARLINK-ZL30110 Datasheet
292Kb / 21P
   Telecom Rate Conversion DPLL
ZL30110LDE ZARLINK-ZL30110LDE Datasheet
292Kb / 21P
   Telecom Rate Conversion DPLL
ZL30110LDE1 ZARLINK-ZL30110LDE1 Datasheet
292Kb / 21P
   Telecom Rate Conversion DPLL
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
   SONET/SDH OC-48/OC-192 System Synchronizer
ZL30116GGG ZARLINK-ZL30116GGG Datasheet
583Kb / 31P
   SONET/SDH OC-48/OC-192 System Synchronizer
More results

Similar Description - ZL30111

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX615 CMLMICRO-CMX615 Datasheet
584Kb / 26P
   Digital Line to POTS Interface
logo
Pulse A Technitrol Comp...
Z-400UK PULSE-Z-400UK Datasheet
408Kb / 3P
   xDSL over POTS In-Line Filter
Z-321NF-ST PULSE-Z-321NF-ST Datasheet
438Kb / 2P
   xDSL over POTS In-Line Filter
Z-300TJ PULSE-Z-300TJ Datasheet
283Kb / 2P
   xDSL over POTS In-Line Filter
Z-321P2J PULSE-Z-321P2J Datasheet
389Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW-50 PULSE-Z-321NFW-50 Datasheet
338Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF PULSE-Z-321NF Datasheet
368Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW PULSE-Z-321NFW Datasheet
354Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-50 PULSE-Z-321NF-50 Datasheet
369Kb / 2P
   xDSL over POTS In-Line Filter
logo
List of Unclassifed Man...
Z-230PJ ETC2-Z-230PJ Datasheet
383Kb / 2P
   xDSL over POTS In-Line Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com