Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9179 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS9179
Description  AM Receiver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9179 Datasheet(HTML) 7 Page - Micro Analog systems

  MAS9179 Datasheet HTML 1Page - Micro Analog systems MAS9179 Datasheet HTML 2Page - Micro Analog systems MAS9179 Datasheet HTML 3Page - Micro Analog systems MAS9179 Datasheet HTML 4Page - Micro Analog systems MAS9179 Datasheet HTML 5Page - Micro Analog systems MAS9179 Datasheet HTML 6Page - Micro Analog systems MAS9179 Datasheet HTML 7Page - Micro Analog systems MAS9179 Datasheet HTML 8Page - Micro Analog systems MAS9179 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 (9)
DA9179.002
19 May, 2005
TYPICAL APPLICATION (Continued)
Note 1: Crystals
The crystals as well as ferrite antenna frequencies are chosen according to the time-signal system (Table 2).
The crystal shunt capacitance C0 should be matched as well as possible with the internal shunt capacitance
compensation capacitor CC of MAS9179. See Compensation Capacitance Options on table 3.
Table 2 Time-Signal System Frequencies
Time-Signal System
Location
Antenna Frequency
Recommended Crystal Frequency
DCF77
Germany
77.5 kHz
77.503 kHz
HGB
Switzerland
75 kHz
75.003 kHz
MSF
United Kingdom
60 kHz
60.003 kHz
WWVB
USA
60 kHz
60.003 kHz
JJY
Japan
40 kHz and 60 kHz
40.003 kHz and 60.003 kHz
BPC
China
68.5 kHz
68.505 kHz
Table 3 Compensation Capacitance Options
Device
CC
Crystal Description
MAS9179A1
0.75 pF
For low C0 crystal
MAS9179A2
0.875 pF
For low C0 crystal
MAS9179A3
1.25 pF
For high C0 crystal
MAS9179A4
1.5 pF
For high C0 crystal
It should be noted that grounded crystal package has reduced shunt capacitance. This value is about 85% of
floating crystal shunt capacitance. For example crystal with 1pF floating package shunt capacitance can have
0.85pF grounded package shunt capacitance. PCB traces of crystal and external compensation capacitance
should be kept at minimum to minimize additional parasitic capacitance which can cause capacitance
mismatching.
Highest frequency crystal is connected to crystal output pin 1 (QO1). Medium frequency crystal is connected to
crystal output pin 2 (QO2). Lowest frequency crystal is connected to crystal output pin 3 (QO3). The other pin of
each crystal is connected to common crystal input pin QI.
Table 4 below presents some crystal manufacturers having suitable crystals for timesignal receiver application.
Table 4. Crystal Manufacturers and Crystal Types in Alphaphetical Order for Timesignal Receiver Application
Manufacturer
Crystal Type
Dimensions
Web Link
Citizen
CFV-206
ø 2.0 x 6.0
http://www.citizen.co.jp/tokuhan/quartz/
Epson
C-2-Type
C-4-Type
ø 1.5 x 5.0
ø 2.0 x 6.0
http://www.epsondevice.com/e/
KDS Daishinku
DT-261
ø 2.0 x 6.0
http://www.kdsj.co.jp/english.html
Microcrystal
MX1V-L2N
MX1V-T1K
ø 2.0 x 6.0
ø 2.0 x 8.1
http://www.microcrystal.com/
Seiko
Instruments
VTC-120
ø 1.2 x 4.7
http://speed.sii.co.jp/pub/compo/quartz/topE.jsp
Note 2: AGC Capacitor
The AGC and DEC capacitors must have low leakage currents due to very small signal currents through the
capacitors. The insulation resistance of these capacitors should be at minimum 100 M
Ω. Also probes with at
least 100 M
Ω impedance should be used for voltage probing of AGC and DEC pins. DEC capacitor can be low
leakage chip capacitor.


Similar Part No. - MAS9179

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9171A MAS-MAS9171A Datasheet
102Kb / 9P
   Parallel In, Parallel Out
MAS9171AS MAS-MAS9171AS Datasheet
102Kb / 9P
   Parallel In, Parallel Out
MAS9171AS-T MAS-MAS9171AS-T Datasheet
102Kb / 9P
   Parallel In, Parallel Out
MAS9178 MAS-MAS9178 Datasheet
139Kb / 8P
   AM Receiver IC
MAS9178A1TB00.01 MAS-MAS9178A1TB00.01 Datasheet
139Kb / 8P
   AM Receiver IC
More results

Similar Description - MAS9179

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
   AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
   AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
   AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
   AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com