Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9179 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS9179
Description  AM Receiver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9179 Datasheet(HTML) 9 Page - Micro Analog systems

  MAS9179 Datasheet HTML 1Page - Micro Analog systems MAS9179 Datasheet HTML 2Page - Micro Analog systems MAS9179 Datasheet HTML 3Page - Micro Analog systems MAS9179 Datasheet HTML 4Page - Micro Analog systems MAS9179 Datasheet HTML 5Page - Micro Analog systems MAS9179 Datasheet HTML 6Page - Micro Analog systems MAS9179 Datasheet HTML 7Page - Micro Analog systems MAS9179 Datasheet HTML 8Page - Micro Analog systems MAS9179 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 (9)
DA9179.002
19 May, 2005
ORDERING INFORMATION
Product Code
Product
Description
Capacitance Option
MAS9179A1TC00
Tri Band AM-Receiver IC
with Differential Input
EWS-tested wafer,
Thickness 400 µm.
CC = 0.75 pF
MAS9179A2TC00
Tri Band AM-Receiver IC
with Differential Input
EWS-tested wafer,
Thickness 400 µm.
CC = 0.875 pF
MAS9179A3TC00
Tri Band AM-Receiver IC
with Differential Input
EWS-tested wafer,
Thickness 400 µm.
CC = 1.25 pF
MAS9179A4TC00
Tri Band AM-Receiver IC
with Differential Input
EWS-tested wafer,
Thickness 400 µm.
CC = 1.5 pF
Contact Micro Analog Systems Oy for other wafer thickness options.
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy
Kamreerintie 2, P.O. Box 51
FIN-02771 Espoo, FINLAND
Tel. +358 9 80 521
Fax +358 9 805 3213
http://www.mas-oy.com
NOTICE
Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or
performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown
in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that
the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog
Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.


Similar Part No. - MAS9179

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9171A MAS-MAS9171A Datasheet
102Kb / 9P
   Parallel In, Parallel Out
MAS9171AS MAS-MAS9171AS Datasheet
102Kb / 9P
   Parallel In, Parallel Out
MAS9171AS-T MAS-MAS9171AS-T Datasheet
102Kb / 9P
   Parallel In, Parallel Out
MAS9178 MAS-MAS9178 Datasheet
139Kb / 8P
   AM Receiver IC
MAS9178A1TB00.01 MAS-MAS9178A1TB00.01 Datasheet
139Kb / 8P
   AM Receiver IC
More results

Similar Description - MAS9179

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
   AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
   AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
   AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
   AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
   AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com