Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA2500 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA2500
Description  Digitally Controlled Microphone Preamplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2500 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PGA2500_06 Datasheet HTML 1Page - Burr-Brown (TI) PGA2500_06 Datasheet HTML 2Page - Burr-Brown (TI) PGA2500_06 Datasheet HTML 3Page - Burr-Brown (TI) PGA2500_06 Datasheet HTML 4Page - Burr-Brown (TI) PGA2500_06 Datasheet HTML 5Page - Burr-Brown (TI) PGA2500_06 Datasheet HTML 6Page - Burr-Brown (TI) PGA2500_06 Datasheet HTML 7Page - Burr-Brown (TI) PGA2500_06 Datasheet HTML 8Page - Burr-Brown (TI) PGA2500_06 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PGA2500
SBOS289A − NOVEMBER 2003 − REVISED DECEMBER 2003
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range unless otherwise noted(1)
PGA2500
UNIT
Supply Voltage, VA+
+5.5
V
Supply Voltage, VA−
−5.5
V
Supply Voltage, VD−
−5.5
V
Voltage Difference, VA− to VD−
Less than 300
mV
Analog input voltage
(VA−) −0.3 to (VA+) +0.3
V
Digital input voltage
−0.3 to (VA+) + 0.3
V
Operating Temperature Range
−40 to +85
°C
Storage Temperature Range
−60 to +150
°C
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
PGA2500IDB
Rails, 48
PGA2500
SSOP-28
DB
−40
°C to +85°C
PGA2500I
PGA2500IDB
Rails, 48
PGA2500
SSOP-28
DB
−40
°C to +85°C
PGA2500I
PGA2500IDBR
Tape and Reel, 1000
PGA2500
SSOP-28
DB
−40 C to +85 C
PGA2500I
PGA2500IDBR
Tape and Reel, 1000
(1) For the most current specifications and package information, refer to our web site at www.ti.com.


Similar Part No. - PGA2500_06

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2500IDB BURR-BROWN-PGA2500IDB Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500IDBR BURR-BROWN-PGA2500IDBR Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
More results

Similar Description - PGA2500_06

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2500 BURR-BROWN-PGA2500 Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
logo
Texas Instruments
PGA2505 TI-PGA2505 Datasheet
571Kb / 20P
[Old version datasheet]   Digitally-Controlled MICROPHONE PREAMPLIFIER
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
logo
Maxim Integrated Produc...
MAX9810 MAXIM-MAX9810 Datasheet
226Kb / 9P
   Electret Condenser Microphone Cartridge Preamplifier
Rev 0; 7/02
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
   STEREO ADC WITH MICROPHONE PREAMPLIFIER
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
logo
List of Unclassifed Man...
FP23 ETC1-FP23 Datasheet
84Kb / 4P
   Model FP23 User Guide Microphone Preamplifier
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
   Low noise balanced input microphone preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com