Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30120GGG Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL30120GGG
Description  SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30120GGG Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button ZL30120GGG Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30120GGG Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30120GGG Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30120GGG Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30120GGG Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30120GGG Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30120GGG Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30120GGG Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30120GGG Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ZL30120
Data Sheet
7
Zarlink Semiconductor Inc.
J10
p1_clk0
O
Programmable Synthesizer 1 - Output Clock 0 (LVCMOS). This output can be
configured to provide any frequency with a multiple of 8 kHz up to 100 MHz in
addition to 2 kHz. The default frequency for this output is 1.544 MHz (DS1).
K10
p1_clk1
O
Programmable Synthesizer1 - Output Clock 1 (LVCMOS). This is a
programmable clock output configurable as a multiple or division of the p1_clk0
frequency within the range of 2 kHz to 100 MHz. The default frequency for this
output is 3.088 MHz (2x DS1).
H10
fb_clk
O
Feedback Clock (LVCMOS). This output is a buffered copy of the feedback
clock for DPLL1. The frequency of this output always equals the frequency of the
selected reference.
E1
dpll2_ref
O
DPLL2 Selected Output Reference (LVCMOS). This is a buffered copy of the
output of the reference selector for DPLL2. Switching between input reference
clocks at this output is not hitless.
Control
H5
rst_b
I
Reset (LVCMOS, Schmitt Trigger). A logic low at this input resets the device. To
ensure proper operation, the device must be reset after power-up. Reset should
be asserted for a minimum of 300 ns.
J5
dpll1_hs_en
Iu
DPLL1 Hitless Switching Enable (LVCMOS, Schmitt Trigger). A logic high at
this input enables hitless reference switching. A logic low disables hitless
reference switching and re-aligns DPLL1’s output phase to the phase of the
selected reference input. This feature can also be controlled through software
registers. This pin is internally pulled up to Vdd.
C2
D2
dpll1_mod_sel0
dpll1_mod_sel1
Iu
DPLL1 Mode Select 1:0 (LVCMOS, Schmitt Trigger). During reset, the levels
on these pins determine the default mode of operation for DPLL1 (Automatic,
Normal, Holdover or Freerun). After reset, the mode of operation can be
controlled directly with these pins, or by accessing the dpll1_modesel register
through the serial interface. This pin is internally pulled up to Vdd.
Status
H1
dpll1_lock
O
Lock Indicator (LVCMOS). This is the lock indicator pin for DPLL1. This output
goes high when DPLL1’s output is frequency and phase locked to the input
reference.
J1
dpll1_holdover
O
Holdover Indicator (LVCMOS). This pin goes high when DPLL1 enters the
holdover mode.
Serial Interface
E2
sck
I
Clock for Serial Interface (LVCMOS). Serial interface clock.
F1
si
I
Serial Interface Input (LVCMOS). Serial interface data input pin.
G1
so
O
Serial Interface Output (LVCMOS). Serial interface data output pin.
E3
cs_b
Iu
Chip Select for Serial Interface (LVCMOS). Serial interface chip select. This
pin is internally pulled up to Vdd.
Pin #
Name
I/O
Type
Description


Similar Part No. - ZL30120GGG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30121 ZARLINK-ZL30121 Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
ZL30121GGG ZARLINK-ZL30121GGG Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
ZL30121GGG2 ZARLINK-ZL30121GGG2 Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
ZL30122GGG ZARLINK-ZL30122GGG Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
More results

Similar Description - ZL30120GGG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
   2.5G Multi-rate SONET/SDH Transceiver Family
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
   MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Zarlink Semiconductor I...
ZL30121 ZARLINK-ZL30121 Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
   MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com