Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA2311PAG4 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA2311PAG4
Description  Stereo Audio VOLUME CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2311PAG4 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PGA2311PAG4 Datasheet HTML 1Page - Burr-Brown (TI) PGA2311PAG4 Datasheet HTML 2Page - Burr-Brown (TI) PGA2311PAG4 Datasheet HTML 3Page - Burr-Brown (TI) PGA2311PAG4 Datasheet HTML 4Page - Burr-Brown (TI) PGA2311PAG4 Datasheet HTML 5Page - Burr-Brown (TI) PGA2311PAG4 Datasheet HTML 6Page - Burr-Brown (TI) PGA2311PAG4 Datasheet HTML 7Page - Burr-Brown (TI) PGA2311PAG4 Datasheet HTML 8Page - Burr-Brown (TI) PGA2311PAG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PGA2311
SBOS218A – DECEMBER 2001 – REVISED JUNE 2002
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, VA+
+5.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
VA––5.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VD+
+5.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VA+ to VD+< ± 0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog Input Voltage
0V to VA+, VA–
. . . . . . . . . . . . . . . . . . . . . .
Digital Input Voltage
–0.3V to VD+
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
–40
°C to +85°C
. . . . . . . . . . . . . . . .
Storage Temperature Range
–65
°C to +150°C
. . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . .
Package Temperature (IR reflow, 10s)
+235
°C
. . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to ob-
serve proper handling and installation procedures can
cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage
because very small parametric changes could cause
the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE–LEAD
PACKAGE
DESIGNATOR(1)
OPERATING
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
DIP–16
N
PGA2311P
PGA2311P
Rails
PGA2311 (U–Grade)
SOL 16
DW
–40
°C to +85°C
PGA2311U
PGA2311U
Rails
PGA2311 (U Grade)
SOL–16
DW
40 C to +85 C
PGA2311U
PGA2311U/1K
Tape and Reel, 1000
DIP–16
N
PGA2311PA
PGA2311PA
Rails
PGA2311 (A–Grade)
SOL 16
DW
–40
°C to +85°C
PGA2311UA
PGA2311UA
Rails
PGA2311 (A Grade)
SOL–16
DW
40 C to +85 C
PGA2311UA
PGA2311UA/1K
Tape and Reel, 1000
(1) For the most current specifications and package information, refer to our web site at www. ti.com.
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VA+ = +5V, VA– = –5V, VD+ = +5V, RL = 100kΩ, CL = 20pF, BW measure = 10Hz to 20kHz, unless otherwise noted.
PARAMETER
CONDITIONS
PGA2311P, U (U–Grade).
PGA2311PA, UA (A–Grade)
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Step Size
0.5
0.5
dB
Gain Error
Gain Setting = 31.5dB
±0.05
±0.05
dB
Gain Matching
±0.05
±0.05
dB
Input Resistance
10
10
k
Input Capacitance
3
3
pF
AC CHARACTERISTICS
THD+N
VIN = 2Vrms, f = 1kHz
0.0004
0.001
0.0002
0.0004
%
Dynamic Range
VIN = AGND, Gain = 0dB
116
120
116
120
dB
Voltage Range, Output
(VA–) +
1.25
(VA+) –
1.25
(VA–) +
1.25
(VA+) –
1.25
V
Voltage Range, Input (without clipping)
2.5
2.5
Vrms
Output Noise
VIN = AGND, Gain = 0dB
2.5
4
2.5
4
µVrms
Interchannel Crosstalk
f = 1kHz
–130
–130
dBFS
OUTPUT BUFFER
Offset Voltage
VIN = AGND, Gain = 0dB
0.25
0.5
0.25
0.5
mV
Load Capacitance Stability
100
100
pF
Short–Circuit Current
50
50
mA
Unity–Gain Bandwidth, Small Signal
10
10
MHz


Similar Part No. - PGA2311PAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2311PAG4 TI1-PGA2311PAG4 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
More results

Similar Description - PGA2311PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com