Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431CZT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TL1431CZT
Description  Programmable Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431CZT Datasheet(HTML) 5 Page - STMicroelectronics

  TL1431CZT Datasheet HTML 1Page - STMicroelectronics TL1431CZT Datasheet HTML 2Page - STMicroelectronics TL1431CZT Datasheet HTML 3Page - STMicroelectronics TL1431CZT Datasheet HTML 4Page - STMicroelectronics TL1431CZT Datasheet HTML 5Page - STMicroelectronics TL1431CZT Datasheet HTML 6Page - STMicroelectronics TL1431CZT Datasheet HTML 7Page - STMicroelectronics TL1431CZT Datasheet HTML 8Page - STMicroelectronics TL1431CZT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TL1431
Electrical Characteristics
5/13
Table 4.
Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
TL1431I
TL1431AI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference Input Voltage - figure 1
VKA = Vref , Ik = 10 mA
2.490 2.500 2.510 2.493 2.500 2.507
V
∆V
ref
Reference Input Voltage Deviation Over
Temperature Range (1) - figure 1
VKA = Vref, Ik = 10 mA, Tmin ≤Tamb ≤ Tmax
1.
V
ref is defined as the difference between the maximum and minimum values obtained over the full temperature range.
∆V
ref = Vref max. - Vref min.
730
7
30
mV
Temperature Coefficient of Reference Input
Voltage (2)
VKA = Vref, Ik = 10 mA, Tmin ≤Tamb ≤ Tmax
2.
The temperature coefficient is defined as the slopes (positive and negative) of the voltage vs temperature limits within
which the reference is guaranteed.
±22
±100
±22
±100
ppm/°C
Ratio of Change in Reference Input Voltage to
Change in Cathode to Anode Voltage - figure 2
Ik = 10mA -
∆V
KA = 36V to 3V
-1.1
2
-1.1
2
mV/V
Iref
Reference Input Current
Ik = 10mA, R1 = 10k
Ω, R2 = ∞
Tmin ≤Tamb ≤Tmax
1.5
2.5
3
1.5
2.5
3
µA
∆I
ref
Reference Input Current Deviation Over
Temperature Range
Ik = 10mA, R1 = 10k
Ω, R2 =∞
Tmin ≤Tamb ≤ Tmax
0.5
1
0.8
1.2
µA
Imin
Minimum Cathode Current for Regulation - figure 1
VKA = Vref
0.5
1
0.5
0.7
mA
Ioff
Off-State Cathode Current - figure 3
180
500
180
500
nA
⏐ZKA⏐
Dynamic Impedance (3)
VKA = Vref , ∆ Ik = 1 to100mA, f ≤1kHZ
3.
The dynamic Impedance is definied as
|ZKA| =
0.2
0.5
0.2
0.5
T1
T2
Temperature
V ref max.
V ref min.
∆Vref
∆T
----------------
Temperature
25°C
Max
2.5V
min
-n
ppm/°C
+n
ppm
/°C
∆Vref
∆Vka
----------------
∆VKA
∆IK
-----------------


Similar Part No. - TL1431CZT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL1431CZT STMICROELECTRONICS-TL1431CZT Datasheet
234Kb / 16P
   Programmable voltage reference
More results

Similar Description - TL1431CZT

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com