Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA2311UAG4 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA2311UAG4
Description  Stereo Audio VOLUME CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2311UAG4 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button PGA2311UAG4 Datasheet HTML 7Page - Burr-Brown (TI) PGA2311UAG4 Datasheet HTML 8Page - Burr-Brown (TI) PGA2311UAG4 Datasheet HTML 9Page - Burr-Brown (TI) PGA2311UAG4 Datasheet HTML 10Page - Burr-Brown (TI) PGA2311UAG4 Datasheet HTML 11Page - Burr-Brown (TI) PGA2311UAG4 Datasheet HTML 12Page - Burr-Brown (TI) PGA2311UAG4 Datasheet HTML 13Page - Burr-Brown (TI) PGA2311UAG4 Datasheet HTML 14Page - Burr-Brown (TI) PGA2311UAG4 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PGA2311
SBOS218A – DECEMBER 2001 – REVISED JUNE 2002
www.ti.com
11
MUTE FUNCTION
Muting can be achieved by either hardware or software
control. Hardware muting is accomplished via the
MUTE input, and software muting by loading all zeroes
into the volume control register.
MUTE disconnects the internal buffer amplifiers from
the output pins and terminates AOUTL and AOUTR with
10k
Ω resistors to ground. The mute is activated with a
zero crossing detection (independent of the zero cross
enable status) or an 16ms time-out to eliminate any au-
dible “clicks” or “pops”. MUTE also initiates an internal
offset calibration.
A software mute is implemented by loading all zeroes
into the volume control register. The internal amplifier
is set to unity gain with the amplifier input connected to
AGND.
APPLICATIONS INFORMATION
This section includes additional information that is per-
tinent to designing the PGA2311 into an end applica-
tion.
RECOMMENDED CONNECTION DIAGRAM
Figure 5 depicts the recommended connections for the
PGA2311. Power-supply bypass capacitors should be
placed as close to the PGA2311 package as physically
possible.
Figure 5. Recommended Connection Diagram.


Similar Part No. - PGA2311UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2311UAG4 TI1-PGA2311UAG4 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
More results

Similar Description - PGA2311UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com