Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431ACZ Datasheet(PDF) 8 Page - STMicroelectronics

Part # TL1431ACZ
Description  Programmable Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431ACZ Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TL1431ACZ Datasheet HTML 4Page - STMicroelectronics TL1431ACZ Datasheet HTML 5Page - STMicroelectronics TL1431ACZ Datasheet HTML 6Page - STMicroelectronics TL1431ACZ Datasheet HTML 7Page - STMicroelectronics TL1431ACZ Datasheet HTML 8Page - STMicroelectronics TL1431ACZ Datasheet HTML 9Page - STMicroelectronics TL1431ACZ Datasheet HTML 10Page - STMicroelectronics TL1431ACZ Datasheet HTML 11Page - STMicroelectronics TL1431ACZ Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical Characteristics
TL1431
8/13
Figure 15. Drfit of RKA vs. temp.
Figure 16. Maximum operating current vs. temp.
Figure 17. Gain & phase vs. frequency
Figure 18. Stability behaviour with capacitive
loads
Figure 19. Maximum power dissipation
Figure 20. Pulse response for IK = 1mA
-40
-20
0
20
40
60
80
100
120
-0.04
-0.03
-0.02
-0.01
0.00
I
K
=10 mA
V
KA
=V
REF
= 2.5V
see figure 1
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0.40
0.42
0.44
0.46
0.48
0.50
0.52
I
K
=I
MIN
V
KA
=V
REF
See figure 1
Temperature (°C)
1
10
100
1000
10000
-40
-20
0
20
40
60
-200
-150
-100
-50
0
50
100
150
200
Frequency (kHz)
I
K
=10 mA
See figure 4
Phase
Gain
1E-10
1E-91E-8
1E-71E-61E-5
0
20
40
60
80
100
Stable
Area
Stable
Area
Instable
Area
V
KA
=24V
V
KA
=12V
V
KA
=5V
V
KA
=V
REF
Capacitive Load (F)
10
20
30
0
20
40
60
80
100
T
AMB
= +25
°C
Safe
Area
SO8
Batwing
TO92
Cathode voltage (V)
012345
0
2
4
6
T
AMB
=+25°C
See figure 6
Output voltage
Current step: 1 mA
Time (µs)


Similar Part No. - TL1431ACZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL1431ACZ STMICROELECTRONICS-TL1431ACZ Datasheet
79Kb / 8P
   PROGRAMMABLE VOLTAGE REFERENCE
TL1431ACZ STMICROELECTRONICS-TL1431ACZ Datasheet
234Kb / 16P
   Programmable voltage reference
TL1431ACZ-AP STMICROELECTRONICS-TL1431ACZ-AP Datasheet
234Kb / 16P
   Programmable voltage reference
TL1431ACZT STMICROELECTRONICS-TL1431ACZT Datasheet
234Kb / 16P
   Programmable voltage reference
More results

Similar Description - TL1431ACZ

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com