Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C6F324I6ES Datasheet(PDF) 5 Page - Altera Corporation

Part # EP1C6F324I6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C6F324I6ES Datasheet(HTML) 5 Page - Altera Corporation

  EP1C6F324I6ES Datasheet HTML 1Page - Altera Corporation EP1C6F324I6ES Datasheet HTML 2Page - Altera Corporation EP1C6F324I6ES Datasheet HTML 3Page - Altera Corporation EP1C6F324I6ES Datasheet HTML 4Page - Altera Corporation EP1C6F324I6ES Datasheet HTML 5Page - Altera Corporation EP1C6F324I6ES Datasheet HTML 6Page - Altera Corporation EP1C6F324I6ES Datasheet HTML 7Page - Altera Corporation EP1C6F324I6ES Datasheet HTML 8Page - Altera Corporation EP1C6F324I6ES Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
Altera Corporation
1–3
January 2007
Preliminary
Features
Cyclone devices are available in quad flat pack (QFP) and space-saving
FineLine® BGA packages (see Table 1–2 through 1–3).
Vertical migration means you can migrate a design from one device to
another that has the same dedicated pins, JTAG pins, and power pins, and
are subsets or supersets for a given package across device densities. The
largest density in any package has the highest number of power pins; you
must use the layout for the largest planned density in a package to
provide the necessary power pins for migration.
For I/O pin migration across densities, cross-reference the available I/O
pins using the device pin-outs for all planned densities of a given package
type to identify which I/O pins can be migrated. The Quartus® II
software can automatically cross-reference and place all pins for you
when given a device migration list. If one device has power or ground
pins, but these same pins are user I/O on a different device that is in the
migration path,the Quartus II software ensures the pins are not used as
user I/O in the Quartus II software. Ensure that these pins are connected
to the appropriate plane on the board. The Quartus II software reserves
I/O pins as power pins as necessary for layout with the larger densities
in the same package having more power pins.
Table 1–2. Cyclone Package Options & I/O Pin Counts
Device
100-Pin TQFP
(1)
144-Pin TQFP
(1), (2)
240-Pin PQFP
(1)
256-Pin
FineLine BGA
324-Pin
FineLine BGA
400-Pin
FineLine BGA
EP1C3
65
104
EP1C4
249
301
EP1C6
98
185
185
EP1C12
173
185
249
EP1C20
233
301
Notes to Table 1–2:
(1)
TQFP: thin quad flat pack.
PQFP: plastic quad flat pack.
(2)
Cyclone devices support vertical migration within the same package (i.e., designers can migrate between the
EP1C3 device in the 144-pin TQFP package and the EP1C6 device in the same package)


Similar Part No. - EP1C6F324I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6F324I6 ALTERA-EP1C6F324I6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C6F324I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com