Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA4311UG4 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA4311UG4
Description  4-Channel Audio Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA4311UG4 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PGA4311UG4 Datasheet HTML 1Page - Burr-Brown (TI) PGA4311UG4 Datasheet HTML 2Page - Burr-Brown (TI) PGA4311UG4 Datasheet HTML 3Page - Burr-Brown (TI) PGA4311UG4 Datasheet HTML 4Page - Burr-Brown (TI) PGA4311UG4 Datasheet HTML 5Page - Burr-Brown (TI) PGA4311UG4 Datasheet HTML 6Page - Burr-Brown (TI) PGA4311UG4 Datasheet HTML 7Page - Burr-Brown (TI) PGA4311UG4 Datasheet HTML 8Page - Burr-Brown (TI) PGA4311UG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PGA4311
SBOS230A – MARCH 2002 – REVISED JUNE 2002
www.ti.com
4
PIN CONFIGURATION
Top View
SO
PIN ASSIGNMENTS
PIN
NAME
FUNCTION
1
MUTE
Mute Control Input (Active LOW)
2
AGND_1
Analog Ground, Channel 1
3
AIN_1
Analog Input, Channel 1
4
AGND_1
Analog Ground, Channel 1
5
AOUT_1
Analog Output, Channel 1
6
VA–
Analog Power Supply, –5V
7
VA+
Analog Power Supply, +5V
8
AOUT_3
Analog Output, Channel 3
9
AGND_3
Analog Ground, Channel 3
10
AIN_3
Analog Input, Channel 3
11
AGND_3
Analog Ground, Channel 3
12
VD+
Digital Power Supply, +5V
13
SDI
Serial Data Input
14
CS
Chip Select Input
15
SCLK
Serial Clock Input
16
SDO
Serial Data Output
17
DGND
Digital Ground
18
AGND_4
Analog Ground, Channel 4
19
AIN_4
Analog Input, Channel 4
20
AGND_4
Analog Ground, Channel 4
21
AOUT_4
Analog Output, Channel 4
22
VA+
Analog Power Supply, +5V
23
VA–
Analog Power Supply, –5V
24
AOUT_2
Analog Output, Channel 2
25
AGND_2
Analog Ground, Channel 2
26
AIN_2
Analog Input, Channel 2
27
AGND_2
Analog Ground, Channel 2
28
ZCEN
Zero Crossing Enable (Active HIGH)


Similar Part No. - PGA4311UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA4311U BURR-BROWN-PGA4311U Datasheet
481Kb / 10P
   4 CHANNEL AUDIO VOLUME CONTROL
PGA4311U/1K BURR-BROWN-PGA4311U/1K Datasheet
481Kb / 10P
   4 CHANNEL AUDIO VOLUME CONTROL
PGA4311UA BURR-BROWN-PGA4311UA Datasheet
481Kb / 10P
   4 CHANNEL AUDIO VOLUME CONTROL
PGA4311UA/1K BURR-BROWN-PGA4311UA/1K Datasheet
481Kb / 10P
   4 CHANNEL AUDIO VOLUME CONTROL
More results

Similar Description - PGA4311UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA4311 BURR-BROWN-PGA4311 Datasheet
481Kb / 10P
   4 CHANNEL AUDIO VOLUME CONTROL
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com