Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST32HF1642C Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST32HF1642C
Description  Multi-Purpose Flash Plus SRAM ComboMemory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF1642C Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST32HF1642C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 10Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 11Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 12Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 13Page - Silicon Storage Technology, Inc SST32HF1642C Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
Preliminary Specifications
Multi-Purpose Flash Plus + SRAM ComboMemory
SST32HF1642 / SST32HF1682 / SST32HF3242 / SST32HF3282
SST32HF1622C / SST32HF1642C / SST32HF3242C
©2005 Silicon Storage Technology, Inc.
S71253-03-000
5/05
TABLE
6: SOFTWARE COMMAND SEQUENCE
Command
Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Word-Program
5555H
AAH
2AAAH
55H
5555H
A0H
WA3
Data
Sector-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SAX4
30H
Block-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
BAX4
50H
Chip-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Erase-Suspend
XXXXH
B0H
Erase-Resume
XXXXH
30H
Query Sec ID5
5555H
AAH
2AAAH
55H
5555H
88H
User Security ID
Word-Program
5555H
AAH
2AAAH
55H
5555H
A5H
WA6
Data
User Security ID
Program Lock-Out
5555H
AAH
2AAAH
55H
5555H
85H
XXH6
0000H
Software ID Entry7,8
5555H
AAH
2AAAH
55H
5555H
90H
Software ID Exit9,10
/Sec ID Exit
5555H
AAH
2AAAH
55H
5555H
F0H
Software ID Exit9,10
/Sec ID Exit
XXH
F0H
T6.2 1253
1. Address format A14-A0 (Hex).
Addresses A15-A19 can be VIL or VIH, but no other value, for Command sequence for SST32HF16x2x,
Addresses A15-A20 can be VIL or VIH, but no other value, for Command sequence for SST32HF32x2x.
2. DQ15-DQ8 can be VIL or VIH, but no other value, for Command sequence
3. WA = Program Word address
4. SAX for Sector-Erase; uses AMS-A11 address lines
BAX, for Block-Erase; uses AMS-A15 address lines
AMS = Most significant address
AMS = A19 for SST32HF16x2x and A20 for SST32HF32x2x.
5. With AMS-A4 = 0; Sec ID is read with A3-A0,
SST ID is read with A3 = 0 (Address range = 000000H to 000007H),
User ID is read with A3 = 1 (Address range = 000010H to 000017H).
Lock Status is read with A7-A0 = 0000FFH. Unlocked: DQ3 = 1 / Locked: DQ3 = 0.
6. Valid Word-Addresses for Sec ID are from 000000H-000007H and 000010H-000017H.
7. The device does not remain in Software Product ID Mode if powered down.
8. With AMS-A1 =0; SST Manufacturer ID = 00BFH, is read with A0 = 0,
SST32HF16x2x Device ID = 234AH, is read with A0 = 1,
SST32HF32x2x Device ID = 235AH, is read with A0 = 1,
AMS = Most significant address
AMS = A19 for SST32HF16x2x and A20 for SST32HF32x2x.
9. Both Software ID Exit operations are equivalent
10. If users never lock after programming, Sec ID can be programmed over the previously unprogrammed bits (data=1) using the Sec ID
mode again (the programmed “0” bits cannot be reversed to “1”). Valid Word-Addresses for Sec ID are from 000000H-000007H and
000010H-000017H.


Similar Part No. - SST32HF1642C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF164 SST-SST32HF164 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF164-70-4C-EK SST-SST32HF164-70-4C-EK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF164-70-4C-TBK SST-SST32HF164-70-4C-TBK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF164-70-4E-EK SST-SST32HF164-70-4E-EK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF164-70-4E-TBK SST-SST32HF164-70-4E-TBK Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF1642C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com