Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9075BL1 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MT9075BL1
Description  E1 Single Chip Transceiver
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9075BL1 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MT9075BL1 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9075BL1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9075BL1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9075BL1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9075BL1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9075BL1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9075BL1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9075BL1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9075BL1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
MT9075B
Data Sheet
4
Zarlink Semiconductor Inc.
Pin Description
Pin #
Name
Description
PLCC MQFP
1
66
OSC1
Oscillator Input. This pin is either connected via a 20.000 MHz crystal to OSC2 where a
crystal is used, or is directly driven when a 20.000 MHz oscillator is employed (see
Figures 6 and 7). CMOS input switching level.
2
67
OSC2
Oscillator Output. Not suitable for driving other devices.
368
VSS
Negative Power Supply (Input). Digital ground.
469
VDD
Positive Power Supply (Input). Digital supply (+5V
± 5%).
5
70
CSTo
Control ST-BUS Output. CSTo carries one of the following two serial streams for CAS
and CCS respectively:
(i) A 2.048 Mbit/s ST-BUS status stream which contains the 30 receive signalling nibbles
(ABCDZZZZ or ZZZZABCD). The most significant nibbles of each ST-BUS time slot are
valid and the least significant nibbles of each ST-BUS time slot are tristated when control
bit MSN (page 01H, address 1AH, bit 1) is set to 1. If MSN=0, the position of the valid
and tristated nibbles is reversed.
(ii) A 64 kb/s output when the 64 KHz common channel signalling option is selected
(page 01H, address 1AH, bit 0, 64KCCS =1) for channel 16.
6
71
CSTi
Control ST-BUS Input. CSTi carries one of the following two serial streams for CAS and
CCS respectively:
(i) A 2.048 Mbit/s ST-BUS control stream which contains the 30 transmit signalling
nibbles (ABCDXXXX or XXXXABCD) when page 01H, address 1AH, bit 3, RPSIG=0.
When RPSIG=1 this pin has no function. The most significant nibbles of each ST-BUS
time slot are valid and the least significant nibbles of each ST-BUS time slot are ignored
when control bit MSN (page 01H, address 1AH, bit 1) is set to 1. If MSN=0, the position
of the valid and ignored nibbles is reversed.
(ii) A 64 kb/s input when the 64 KHz common channel signalling option is selected (page
01H, address 1AH, bit 0, 64KCCS =1) for channel 16.
7
72
DSTo
Data ST-BUS Output. A 2.048 Mbit/s serial stream which contains the 30 PCM or
data channels received on the PCM 30 line.
8
73
DSTi
Data ST-BUS Input. A 2.048 Mbit/s serial stream which contains the 30 PCM or data
channels to be transmitted on the PCM 30 line.
974
DS/RD
Data/Read Strobe (Input).
In Motorola mode (DS), this input is the active low data strobe of the microprocessor
interface.
In Intel mode (RD), this input is the active low read strobe of the microprocessor
interface.
10
83
CS
Chip Select (Input). This active low input enables the non-multiplexed parallel
microprocessor interface of the MT9075B. When CS is set to high, the
microprocessor interface is idle and all bus I/O pins will be in a high impedance state.
11
84
RESET RESET (Input). This active low input puts the MT9075B in a reset condition. RESET
should be set to high for normal operation. The MT9075B should be reset after power-
up. The RESET pin must be held low for a minimum of 1
µsec. to reset the device
properly.


Similar Part No. - MT9075BL1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075BL MITEL-MT9075BL Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075BL MITEL-MT9075BL Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
More results

Similar Description - MT9075BL1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
Mitel Networks Corporat...
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
   E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
   E1 Single-Chip Transceiver
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
   Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com