Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLVDS104BTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLVDS104BTR
Description  4-port lvds and 4-port TTL-to LVDS repeaters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS104BTR Datasheet(HTML) 5 Page - STMicroelectronics

  STLVDS104BTR Datasheet HTML 1Page - STMicroelectronics STLVDS104BTR Datasheet HTML 2Page - STMicroelectronics STLVDS104BTR Datasheet HTML 3Page - STMicroelectronics STLVDS104BTR Datasheet HTML 4Page - STMicroelectronics STLVDS104BTR Datasheet HTML 5Page - STMicroelectronics STLVDS104BTR Datasheet HTML 6Page - STMicroelectronics STLVDS104BTR Datasheet HTML 7Page - STMicroelectronics STLVDS104BTR Datasheet HTML 8Page - STMicroelectronics STLVDS104BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STLVDS104
Electrical characteristics
5/12
3
Electrical characteristics
Table 5.
Electrical characteristics
(TA = -40 to 85°C, and VCC = 3.3V ±10% over recommended operating conditions unless
otherwise noted. All typical values are at TA = 25°C).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
VITH+
Positive-going differential input
voltage threshold
100
mV
VITH-
Negative-going differential input
voltage threshold
-100
mV
|VOD|
Differential output voltage
magnitude
RL = 100Ω, VID = ±100mV
247
340
454
mV
∆|VOD|
Change in differential output
voltage magnitude between logic
state
-50
50
mV
∆VOC(SS)
Change in steady-state common
mode output voltage between
logic state
-50
50
mV
VOC(SS)
Steady-state Common Mode
Output Voltage
1.125
1.2
1.375
V
VOC(PP)
Peak to peak common mode
output voltage
25
150
mV
ICC
Supply current
Enabled, RL = 100Ω
20
30
mA
Disabled
2.5
5
mA
II
Input current (A or B Inputs)
VI =0V
-2
-11
-20
µA
VI = 2.4V
-1
-3
µA
II(OFF)
Power OFF input current
VCC = 1.5V, VI = 2.4V
3
20
µA
IIH
High level input current
VIH = 2V
7
20
µA
IIL
Low level input current
VIL = 0.8V
3
10
µA
IOC
Short circuit output current
VO(Y) or VO(Z) = 0V
± 6
± 10
mA
VOD = 0
± 3
± 10
mA
IOZ
High Impedance output current
VO = 0 or 2.4V
± 1
µA
IO(OFF)
Power OFF output current
VCC = 1.5V, VO = 2.4V
± 1
µA
CIN
Input capacitance (A or B inputs)
VI = 0.4 sin (4e
6
πt)+0.5V
3
pF
CO
Output capacitance (Y or Z
outputs)
VI = 0.4 sin (4e
6
πt)+0.5V, Disabled
6
pF


Similar Part No. - STLVDS104BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104BTR STMICROELECTRONICS-STLVDS104BTR Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
More results

Similar Description - STLVDS104BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com