Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS922IYPT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS922IYPT
Description  Rail-to-rail high output current dual operational amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922IYPT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS922IYPT Datasheet HTML 6Page - STMicroelectronics TS922IYPT Datasheet HTML 7Page - STMicroelectronics TS922IYPT Datasheet HTML 8Page - STMicroelectronics TS922IYPT Datasheet HTML 9Page - STMicroelectronics TS922IYPT Datasheet HTML 10Page - STMicroelectronics TS922IYPT Datasheet HTML 11Page - STMicroelectronics TS922IYPT Datasheet HTML 12Page - STMicroelectronics TS922IYPT Datasheet HTML 13Page - STMicroelectronics TS922IYPT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
TS922
10/21
Figure 9.
THD + noise vs. frequency
Figure 10.
THD + noise vs. output voltage
0.01
0.1
1
10
100
Frequency (kHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
RL=32Ω Vo=2Vpp
VCC=±1.5V Av= 10
0
0,2
0,4
0,6
0,8
1
1,2
0,001
0,010
0,100
1,000
10,000
Vou t (Vrm s)
RL=600Ω f=1kHz
VCC=0/3V Av= -1
Figure 11.
THD + noise vs. output voltage
Figure 12.
THD + noise vs. output voltage
Figure 13.
Open loop gain and phase vs.
frequency
0
0.2
0.4
0.6
0.8
1
Vout (Vrms)
0.01
0.1
1
10
RL=32Ω f=1kHz
VCC=±1.5V Av= -1
0
0.2
0.4
0.6
0.8
1
1.2
Vout (Vrms)
0.001
0.01
0.1
1
10
RL=2kΩ f=1kHz
VCC=±1.5V Av= -1
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7
1E+8
Frequency (Hz)
0
10
20
30
40
50
0
60
120
180
CL=500pF


Similar Part No. - TS922IYPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922IYPT STMICROELECTRONICS-TS922IYPT Datasheet
1Mb / 24P
   Rail-to-rail, high output current dual operational amplifier
More results

Similar Description - TS922IYPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
   Rail-to-rail, high output current dual operational amplifier
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
RT922 STMICROELECTRONICS-RT922 Datasheet
482Kb / 15P
   RobuST, rail-to-rail, high output current dual operational amplifier
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
   High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com