Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9279A3HH06 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9279A3HH06
Description  IC FOR 10.00 - 52.00 MHz VCTCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9279A3HH06 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9279A3HH06 Datasheet HTML 1Page - Micro Analog systems MAS9279A3HH06 Datasheet HTML 2Page - Micro Analog systems MAS9279A3HH06 Datasheet HTML 3Page - Micro Analog systems MAS9279A3HH06 Datasheet HTML 4Page - Micro Analog systems MAS9279A3HH06 Datasheet HTML 5Page - Micro Analog systems MAS9279A3HH06 Datasheet HTML 6Page - Micro Analog systems MAS9279A3HH06 Datasheet HTML 7Page - Micro Analog systems MAS9279A3HH06 Datasheet HTML 8Page - Micro Analog systems MAS9279A3HH06 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DA9279.003
13 July 2006
3 (10)
ELECTRICAL CHARACTERISTICS
(recommended operation conditions)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Frequency Range
fo
10.00
52.00
MHz
Voltage Control Range
VC
0
Vdd
V
1)
Voltage Control Sensitivity
VCSENS
7.3
10.4
ppm/V
2)
Voltage Control Sensitivity
VCSENS
8.8
13.4
ppm/V
3)
Voltage Control Sensitivity
VCSENS
10.1
14.5
ppm/V
4)
Frequency vs. Supply Voltage
dfo
±0.2
ppm
5)
Frequency vs. Load Change
dfo
±0.2
ppm
6)
Output Voltage (10 pF, VDD 2.7 V)
Vout
2.3
Vpp
Output Voltage (10 pF, VDD 5.0 V)
Vout
4.5
Vpp
Rise and Fall Time (10 - 50 pF)
3
ns
Output Symmetry
45-55
%
Compensation Range ± 1.0 ppm
TC
-40
85
oC
Compensation Range ± 0.75 ppm
TC
-20
70
oC
Compensation Range ± 0.3 ppm
TC
10
50
oC
Compensation Range Linear Part
a1
-0.4
-0.1
ppm/K
9)
Compensation Inflection Point
INF
23
31
oC
Compensation Range Cubic Part
a3
95
ppm
2/K3
Compensation CDAC1 (4 Bit)
CX1
-1.5
2.4
ppm
2) 7)
Compensation CDAC2 (6 Bit)
CX2
-21
27
ppm
2) 8)
Compensation CDAC1 (4 Bit)
CX1
-2.6
2.1
ppm
3) 7)
Compensation CDAC2 (6 Bit)
CX2
-26
32
ppm
3) 8)
Compensation CDAC1 (4 Bit)
CX1
-3.0
2.6
ppm
4) 7)
Compensation CDAC2 (6 Bit)
CX2
-32
36
ppm
4) 8)
Amplitude Start up Time
TSTART
2
ms
Tri State Output Buffer
ON State
OFF State
DA
0
1.6
0.55
VDD
V
Note 1: In TCXO leave Vc floating
Note 2: With 23 ppm/pF crystal
Note 3: With 28 ppm/pF crystal.
Note 4: With 33 ppm/pF crystal
Note 5: VDD +/- 5%
Note 6: R=10 kohm +/- 10%, C=10 pF +/- 10%
Note 7: CDAC2=6.
Note 8: CDAC1=4.
Note 9: With LIN=255 temperature compensation is
in off mode


Similar Part No. - MAS9279A3HH06

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
   IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270C2SN06 MAS-MAS9270C2SN06 Datasheet
129Kb / 9P
   IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270C3SN06 MAS-MAS9270C3SN06 Datasheet
129Kb / 9P
   IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270CASN06 MAS-MAS9270CASN06 Datasheet
129Kb / 9P
   IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270CTB1 MAS-MAS9270CTB1 Datasheet
129Kb / 9P
   IC FOR 10.00 - 30.00 MHz VCTCXO
More results

Similar Description - MAS9279A3HH06

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
   IC for 10.00 - 30.00 MHz VCTCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
   IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
   IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
   IC FOR 10.00 - 60.00 MHz XO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
   IC for 10.00 - 30.00 MHz VCXO
MAS9278 MAS-MAS9278_10 Datasheet
58Kb / 5P
   IC for 10.00 ??30.00 MHz VCXO
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
   IC FOR 10.00 - 36.00 MHz VCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
   IC FOR 10.00 - 20.00 MHz VCXO
MAS9283 MAS-MAS9283 Datasheet
199Kb / 14P
   IC FOR 10.00 - 56.00 MHz VCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
   IC FOR 10.00 - 40.00 MHz PXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com