Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30123GGG2 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL30123GGG2
Description  Low Jitter Line Card Synchronizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30123GGG2 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL30123GGG2 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30123GGG2 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30123GGG2 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30123GGG2 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30123GGG2 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30123GGG2 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30123GGG2 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL30123GGG2 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL30123GGG2 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ZL30123
Data Sheet
9
Zarlink Semiconductor Inc.
Master Clock
K4
osci
I
Oscillator Master Clock Input (LVCMOS). This input accepts a 20 MHz
reference from a clock oscillator (TCXO, OCXO). The stability and accuracy of
the clock at this input determines the free-run accuracy and the long term
holdover stability of the output clocks.
K5
osco
O
Oscillator Master Clock Output (LVCMOS). This pin must be left unconnected
when the osci pin is connected to a clock oscillator.
Miscellaneous
B5
NC
No Connection. Leave unconnected.
C5
IC
No Connection. Leave unconnected.
D1
IC
No Connection. Leave unconnected.
J2
IC
Internal Connection. Connect to ground.
J6
IC
Internal Connection. Connect to ground.
G3
IC
No Connection. Leave unconnected.
K6
IC
Internal Connection. Leave unconnected.
F2
IC
Internal Connection. Leave unconnected.
F3
IC
Internal Connection. Leave unconnected.
H7
IC
Internal Connection. Connect to ground.
Power and Ground
D9
E4
G8
G9
J8
J9
H6
H8
VDD
P
P
P
P
P
P
P
P
Positive Supply Voltage. +3.3VDC nominal.
E8
F4
VCORE
P
P
Positive Supply Voltage. +1.8VDC nominal.
A5
A8
C10
AVDD
P
P
P
Positive Analog Supply Voltage. +3.3VDC nominal.
B7
B8
H2
AVCORE
P
P
P
Positive Analog Supply Voltage. +1.8VDC nominal.
Pin #
Name
I/O
Type
Description


Similar Part No. - ZL30123GGG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
ZL30120GGG ZARLINK-ZL30120GGG Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
ZL30120GGG2 ZARLINK-ZL30120GGG2 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
ZL30121 ZARLINK-ZL30121 Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
ZL30121GGG ZARLINK-ZL30121GGG Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
More results

Similar Description - ZL30123GGG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30119 ZARLINK-ZL30119 Datasheet
289Kb / 27P
   Low Jitter Line Card Synchronizer
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
ZL30121 ZARLINK-ZL30121 Datasheet
343Kb / 30P
   SONET/SDH Low Jitter System Synchronizer
ZL30107 ZARLINK-ZL30107 Datasheet
185Kb / 6P
   GbE Line Card Synchronizer
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
   VCXO-Based Line Card Clock Synchronizer
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
logo
Texas Instruments
LMK05318_1812 TI1-LMK05318_1812 Datasheet
2Mb / 86P
[Old version datasheet]   Ultra-Low Jitter Network Synchronizer Clock With Two Frequency Domains
LMK05318 TI1-LMK05318 Datasheet
1Mb / 75P
[Old version datasheet]   Ultra-Low Jitter Network Synchronizer Clock With Two Frequency Domains
LMK05318B TI1-LMK05318B Datasheet
3Mb / 87P
[Old version datasheet]   LMK05318B Ultra-Low Jitter Network Synchronizer Clock With Two Frequency Domains
LMK5B12204 TI1-LMK5B12204 Datasheet
3Mb / 87P
[Old version datasheet]   LMK5B12204 Ultra-Low Jitter Network Synchronizer Clock With Two Frequency Domains
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com