Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9974GCCB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9974GCCB
Description  Dual Driver/Comparator/Load with Internal DACs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9974GCCB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9974GCCB Datasheet HTML 2Page - Maxim Integrated Products MAX9974GCCB Datasheet HTML 3Page - Maxim Integrated Products MAX9974GCCB Datasheet HTML 4Page - Maxim Integrated Products MAX9974GCCB Datasheet HTML 5Page - Maxim Integrated Products MAX9974GCCB Datasheet HTML 6Page - Maxim Integrated Products MAX9974GCCB Datasheet HTML 7Page - Maxim Integrated Products MAX9974GCCB Datasheet HTML 8Page - Maxim Integrated Products MAX9974GCCB Datasheet HTML 9Page - Maxim Integrated Products MAX9974GCCB Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Dual Driver/Comparator/Load
with Internal DACs
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COMPARATOR
DC CHARACTERISTICS
Input Voltage Range
-1.5
+6.5
V
Differential Input Voltage
±8
V
Minimum Hysteresis
RHYST_ = open
0
mV
Maximum Hysteresis
RRHYST_ = 2.5kΩ
10
mV
Input Offset Voltage
VDUT_ = 1.5V
±50
mV
Input-Voltage Temperature
Coefficient
(Notes 2, 15)
±75
±400
µV/°C
Common-Mode Rejection Ratio
CMRR
VDUT_ = -1.5V, +6.5V
50
70
dB
Linearity Error, 0 to 3V
VDUT_ = 0, 1.5V, 3V (Note 16)
±1
±5
mV
Linearity Error, Full Range
VDUT_ = -1.5V, 0, +1.5V, +3V, +6.5V (Note 16)
±1
±10
mV
Power-Supply Rejection Ratio
PSRR
VDUT_ = -1.5V and +6.5V
50
75
dB
AC CHARACTERISTICS (Notes 17–20)
Minimum Pulse Width
(Note 21)
0.85
ns
Prop Delay
1.2
2
ns
Prop-Delay Temperature
Coefficient
(Note 2)
2.6
5
ps/°C
Prop Delay Match
High/low vs. low/high; absolute value of
delta for each comparator (Note 2)
40
100
ps
Prop Delay Dispersion vs.
Common-Mode Input
Common-mode input -1.4V to +6.4V
(Note 22)
20
ps
3ns to 22ns pulse width, 500ps tRISE,
positive and negative pulses
10
60
Prop Delay Dispersion vs. Pulse
Width (Note 2)
2ns to 23ns pulse width
10
100
ps
Prop Delay Dispersion vs.
Slew Rate
Slew rate = 0.5V/ns to 2V/ns
10
ps
100mV < VC_V_ < 900mV, driver in term mode,
peak-to-peak within this window
40
50mV < VC_V__ < 950mV, driver in term mode,
peak-to-peak within this window
60
Waveform Tracking
(Note 23)
100mV < VC_V_ < 900mV, driver in high
impedance, peak-to-peak within this window
100
ps
LOGIC OUTPUTS (CH_, NCH_, CL_, NCL_)
Termination Voltage
VT_
0
3.5
V
Output Voltage Compliance
Set by IOUT, RTERM, and VT_
-0.5
VT_
V
Differential Rise Time
20% to 80% (Note 2)
200
400
ps
Differential Fall Time
20% to 80% (Note 2)
200
400
ps
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +9.75V, VEE = -4.75V, VDD = 3.3V, VDHV_ = +3V, VDLV_ = 0, VDTV_ = +1.5V, SC1 = SC0 = 0, VCHV_ = +2.0V, VCLV_ = +1.0V,
VCPHV_ = +7.2V, VCPLV_ = -2.2V, VVTERM = VT_ = +1.8V, RT = 50Ω || 1pF, TJ = +70°C, unless otherwise noted. All temperature coefficients
are measured at TJ = +40°C to +100°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX9974GCCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX997 MAXIM-MAX997 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX997 MAXIM-MAX997 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX997 MAXIM-MAX997 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX9972 MAXIM-MAX9972 Datasheet
426Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 1; 7/09
MAX9972 MAXIM-MAX9972 Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
More results

Similar Description - MAX9974GCCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
   Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
logo
Maxim Integrated Produc...
MAXQ3210 MAXIM-MAXQ3210 Datasheet
451Kb / 28P
   Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Rev 1; 5/06
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com