Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9974HCCB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9974HCCB
Description  Dual Driver/Comparator/Load with Internal DACs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9974HCCB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9974HCCB Datasheet HTML 1Page - Maxim Integrated Products MAX9974HCCB Datasheet HTML 2Page - Maxim Integrated Products MAX9974HCCB Datasheet HTML 3Page - Maxim Integrated Products MAX9974HCCB Datasheet HTML 4Page - Maxim Integrated Products MAX9974HCCB Datasheet HTML 5Page - Maxim Integrated Products MAX9974HCCB Datasheet HTML 6Page - Maxim Integrated Products MAX9974HCCB Datasheet HTML 7Page - Maxim Integrated Products MAX9974HCCB Datasheet HTML 8Page - Maxim Integrated Products MAX9974HCCB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The MAX9973/MAX9974 fully integrated, high-perfor-
mance, dual-channel pin electronics driver/compara-
tor/load (DCL) with built-in level-setting digital-to-analog
converters (DACs) are ideally suited for memory and
SOC automatic test equipment (ATE) applications.
Each channel includes a three-level pin driver, a win-
dow comparator, dynamic clamps, a 1kΩ load, and
seven independent level-setting DACs.
The driver features a wide voltage range and high-speed
operation, includes high-impedance and active-termina-
tion (3rd-level drive) modes, and is highly linear even at
low voltage swings. Additionally, the driver provides high-
speed differential multiplexer control inputs, with internal
termination resistors that are compatible with ECL, LV-
PECL, LVDS, and GTL. The window comparators provide
extremely low timing variation over changes in slew rate,
pulse width, or overdrive voltage, and have open-collec-
tor outputs. When high-impedance mode is selected, the
dynamic clamps provide damping of high-speed device-
under-test (DUT) waveforms. The load facilitates fast con-
tact testing when used in conjunction with the
comparators,
and
functions
as
a
pullup
for
open-drain/collector DUT_ outputs. The MAX9973/
MAX9974 are configured through a serial interface.
The MAX9973/MAX9974 differ in two aspects: the posi-
tion of the exposed heat slug and the pin arrangement.
The MAX9973G/MAX9974G comparator outputs sink
8mA (typ), while the MAX9973H/MAX9974H compara-
tor outputs sink 16mA (typ). The devices are available
in a 64-pin (10mm x 10mm x 1.00mm) TQFP-EP pack-
age with an exposed paddle on top (MAX9973) or bot-
tom (MAX9974) for heat removal. Power dissipation is
only 700mW per channel. The full operating voltage
range is -1.5V to +6.5V. Operation is specified at an
internal die temperature of +40°C to +100°C, and fea-
tures a temperature monitor output.
Applications
Memory Testers
SOC Testers
Features
o 600Mbps at 3V High Speed
o 700mW per Channel Extremely Low Power
Dissipation
o -1.5V to +6.5V Wide Voltage Range
o 200mV to 8V Wide Voltage Swing Range
o 10nA (max) Low-Leakage Mode
o Integrated Termination On-the-Fly
(3rd-Level Drive)
o Integrated Voltage Clamps
o Passive Load or Pullup
o Very Low Timing Dispersion
o Minimal External Component Count
o SPITM-Compatible Serial Control Interface
Dual Driver/Comparator/Load
with Internal DACs
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-0690; Rev 0; 1/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Note: Devices are available in both leaded and lead-free
packages. Specify lead free by adding a + symbol at the end
of the part number when ordering.
*
Future product—contact factory for availability.
**
EP-IDP = Exposed paddle (inverted die paddle).
EP = Exposed paddle.
PART
PIN-PACKAGE
PKG
CODE
OUTPUT
SINK
CURRENT
MAX9973GCCB
64 TQFP-EP-IDP**
(10mm x 10mm x
1.00mm)
C64E-13R
8mA
MAX9973HCCB*
64 TQFP-EP-IDP**
(10mm x 10mm x
1.00mm)
C64E-13R
16mA
MAX9974GCCB*
64 TQFP-EP
(10mm x 10mm x
1.00mm)
—8mA
MAX9974HCCB*
64 TQFP-EP
(10mm x 10mm x
1.00mm)
16mA
Pin Configuration appears at end of data sheet.
SPI is a trademark of Motorola Inc.


Similar Part No. - MAX9974HCCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX997 MAXIM-MAX997 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX997 MAXIM-MAX997 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX997 MAXIM-MAX997 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX9972 MAXIM-MAX9972 Datasheet
426Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 1; 7/09
MAX9972 MAXIM-MAX9972 Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
More results

Similar Description - MAX9974HCCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
   Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
logo
Maxim Integrated Produc...
MAXQ3210 MAXIM-MAXQ3210 Datasheet
451Kb / 28P
   Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Rev 1; 5/06
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com