Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

594D270X9-004C2T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 594D270X9-004C2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D270X9-004C2T Datasheet(HTML) 1 Page - Vishay Siliconix

  594D270X9-004C2T Datasheet HTML 1Page - Vishay Siliconix 594D270X9-004C2T Datasheet HTML 2Page - Vishay Siliconix 594D270X9-004C2T Datasheet HTML 3Page - Vishay Siliconix 594D270X9-004C2T Datasheet HTML 4Page - Vishay Siliconix 594D270X9-004C2T Datasheet HTML 5Page - Vishay Siliconix 594D270X9-004C2T Datasheet HTML 6Page - Vishay Siliconix 594D270X9-004C2T Datasheet HTML 7Page - Vishay Siliconix 594D270X9-004C2T Datasheet HTML 8Page - Vishay Siliconix 594D270X9-004C2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.vishay.com
66
594D
Vishay Sprague
Document Number 40006
Revision 09-Mar-05
For technical questions, contact tantalum@vishay.com
W
A
B
L
Max.
D
Ref.
J
Max.
Tantalum Wire Nib
Identifies Anode (+)
Terminal
H
J
Max.
Operating Temperature: -55˚C to +85˚C, (to -125˚C with
voltage derating.)
Capacitance Range: 1.0µF to 1500µF.
DIMENSIONS in inches [millimeters]
Note: The anode termination (D less B) will be a minimum of 0.012" [0.3mm].
L (Max.)
0.158
[4.0]
0.281
[7.1]
0.293
[7.5]
0.283
[7.2]
CASE
CODE
B
C
D
R
W
0.110 + 0.012 - 0.016
[2.8 + 0.3 - 0.4]
0.126 ± 0.12
[3.2 ± 0.3]
0.170 ± 0.012
[4.3 ± 0.3]
0.235 ± 0.012
[6.0 ± 0.3]
H
0.075 + 0.012 - 0.024
[1.9 + 0.3 - 0.6]
0.098 ± 0.012
[2.5 ± 0.3]
0.110 ± 0.012
[2.8 ± 0.3]
0.136 ± 0.012
[3.5 ± 0.3]
A
0.031 ± 0.012
[0.80 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
B
0.097 ± 0.016
[2.5 ± 0.4]
0.180 ± 0.024
[4.6 ± 0.6]
0.180 ± 0.024
[4.6 ± 0.6]
0.180 ± 0.024
[4.6 ± 0.6]
D (Ref.)
0.138
[3.5]
0.236
[6.0]
0.253
[6.4]
0.243
[6.2]
J (Max.)
0.004
[0.1]
0.004
[0.1]
0.004
[0.1]
0.004
[0.1]
FEATURES
• New extended range offerings.
• Large capacitance rating range.
• Lowest ESR for a surface mount tantalum chip capacitor.
• 100% surge current conditioning for C, D and R cases.
• Terminations: Tin (2) standard.
• 8mm, 12mm tape and reel packaging available per EIA-
481-1 and IEC 286-3. 7” [178mm] standard. 13”
[330mm] available.
• Case code compatibility with EIA 535BAAE and
CECC30801 molded chips.
Capacitance Tolerance: ±10%, ±20% standard.
Voltage Rating: 4 WVDC to 50WVDC.
Equivalent Series Resistance: ESR readings measured
at 100kHz, +25°C from 3500 milliohm to 30 milliohm.
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Conformal Coated, Maximum CV,
Low ESR
PERFORMANCE / ELECTRICAL CHARACTERISTICS
004
DC VOLTAGE RATING
@ + 85°C
X0
CAPACITANCE
TOLERANCE
477
CAPACITANCE
594D
TYPE
R
CASE CODE
2
TERMINATION
T
PACKAGING
This is expressed in volts.
To complete the three-
digit block, zeros precede
the voltage rating. A
decimal point is indicated
by an "R"
(6R3 = 6.3 volts).
X0 =
± 20%
X9 = ± 10%
This is expressed in
picofarads.
The first two digits are
the significant figures.
The third is the number
of zeros to follow.
See Ratings
and Case
Codes Table.
2= 100% Tin
4= Gold Plated
7= Hot Solder
Dipped
8 = Solder
Plated (60/40)
Special Order.
T= Tape and Reel
7" [178mm] Reel
W = 13” [330mm]Reel
- See Tape and
Reel specifications
ORDERING INFORMATION
Note: Preferred Tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage
substitutions will be marked with the higher voltage rating.


Similar Part No. - 594D270X9-004C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D277004D VISHAY-594D277004D Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D277004D VISHAY-594D277004D Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D277X_004D2T VISHAY-594D277X_004D2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
More results

Similar Description - 594D270X9-004C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
591D VISHAY-591D Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com