Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

594D390X9-004C2T Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 594D390X9-004C2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D390X9-004C2T Datasheet(HTML) 8 Page - Vishay Siliconix

  594D390X9-004C2T Datasheet HTML 1Page - Vishay Siliconix 594D390X9-004C2T Datasheet HTML 2Page - Vishay Siliconix 594D390X9-004C2T Datasheet HTML 3Page - Vishay Siliconix 594D390X9-004C2T Datasheet HTML 4Page - Vishay Siliconix 594D390X9-004C2T Datasheet HTML 5Page - Vishay Siliconix 594D390X9-004C2T Datasheet HTML 6Page - Vishay Siliconix 594D390X9-004C2T Datasheet HTML 7Page - Vishay Siliconix 594D390X9-004C2T Datasheet HTML 8Page - Vishay Siliconix 594D390X9-004C2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
73
594D
Vishay Sprague
Document Number 40006
Revision 09-Mar-05
For technical questions, contact tantalum@vishay.com
7" [178] Reel
9.0 Recommended Mounting Pad Geometries: The nib
must have sufficient clearance to avoid electrical
contact with other components. The width dimension
indicated is the same as the maximum width of the
capacitor. This is to minimize lateral movement.
* Pads for B, C and D case codes are otherwise pad compatible with
Type 293D, B, C and D case codes respectively.
REFLOW SOLDER PADS* in inches [millimeters]
WIDTH
(A)
0.120
[3.0]
0.136
[3.5]
0.180
[4.6]
0.245
[6.3]
PAD
METALLIZATION
(B)
0.065
[1.7
0.090
[2.3]
0.090
[2.3]
0.090
[2.3]
SEPARATION
(C)
0.065
[1.7]
0.120
[3.1]
0.145
[3.7]
0.145
[3.7]
CASE
CODE
B
C
D
R
A
B
B
C
10.0 Cleaning (Flux Removal) After Soldering: The
594D is compatible with all commonly used solvents
such as TES, TMS, Prelete, Chlorethane, Terpene and
aqueous cleaning media.
However, CFC/ODS
products are not used in the production of these
devices and are not recommended. Solvents
containing methylene chloride or other epoxy
solvents should be avoided since these will attack
the epoxy encapsulation material.
Top
Cover
Tape
Thickness
Embossment
Carrier
Standard orientation is with
the cathode (-) nearest to the
sprocket holes per EIA-481-1
and IEC 286-3.
8000
3000
2500
Units Per Reel
13" [330] Reel
Component Pitch
Tape Width
Case Code
B
C
D
R
2000
500
500
600
4mm
8mm
8mm
8mm
12mm
12mm
12mm
12mm
Bending Radius
(Note 2)
R
Min.
TAPE AND REEL PACKAGING in inches [millimeters]


Similar Part No. - 594D390X9-004C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D3976R3R VISHAY-594D3976R3R Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D3976R3R VISHAY-594D3976R3R Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D397X_6R3R2T VISHAY-594D397X_6R3R2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
More results

Similar Description - 594D390X9-004C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
591D VISHAY-591D Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com