Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8D1716UBB-YI09 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K8D1716UBB-YI09
Description  16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K8D1716UBB-YI09 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K8D1716UBB-YI09 Datasheet HTML 7Page - Samsung semiconductor K8D1716UBB-YI09 Datasheet HTML 8Page - Samsung semiconductor K8D1716UBB-YI09 Datasheet HTML 9Page - Samsung semiconductor K8D1716UBB-YI09 Datasheet HTML 10Page - Samsung semiconductor K8D1716UBB-YI09 Datasheet HTML 11Page - Samsung semiconductor K8D1716UBB-YI09 Datasheet HTML 12Page - Samsung semiconductor K8D1716UBB-YI09 Datasheet HTML 13Page - Samsung semiconductor K8D1716UBB-YI09 Datasheet HTML 14Page - Samsung semiconductor K8D1716UBB-YI09 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
FLASH MEMORY
K8D1716UTB / K8D1716UBB
Revision 0.0
July 2004
11
Figure 3. Autoselect Operation ( by command sequence method )
WE
555H/
AAAH
2AAH/
555H
555H/
AAAH
AAH
55H
90H
00H/
01H/
ECH
Manufacturer
Code
Device Code
A19
A0(x16)/*
DQ15
DQ0
F0H
Return to
Read Mode
Write (Program/Erase) Mode
The K8D1716U executes its program/erase operations by writing commands into the command register. In order to write the com-
mands to the register, CE and WE must be low and OE must be high. Addresses are latched on the falling edge of CE or WE (which-
ever occurs last) and the data are latched on the rising edge of CE or WE (whichever occurs first). The device uses standard
microprocessor write timing.
Program
The K8D1716U can be programmed in units of a word or a byte. Programming is writing 0's into the memory array by executing the
Internal Program Routine. In order to perform the Internal Program Routine, a four-cycle command sequence is necessary. The first
two cycles are unlock cycles. The third cycle is assigned for the program setup command. In the last cycle, the address of the mem-
ory location and the data to be programmed at that location are written. The device automatically generates adequate program
pulses and verifies the programmed cell margin by the Internal Program Routine. During the execution of the Routine, the system is
not required to provide further controls or timings.
During the Internal Program Routine, commands written to the device will be ignored. Note that a hardware reset during a program
operation will cause data corruption at the corresponding location.
Figure 4. Program Command Sequence
WE
555H/
AAAH
2AAH/
555H
555H/
AAAH
AAH
55H
A0H
Program
Program
Program
Start
DQ15-DQ0
Address
Data
RY/BY
A9
VID
00H
01H
ECH
22A0H
or
22A2H
Manufacturer
Code
Device Code
A6,A1,A0*
DQ15-DQ0
Figure 2. Autoselect Operation ( by high voltage method )
Return to
Read Mode
V = VIH or VIL
22A0H
or
22A2H
Note : The addresses other than A0 , A1 and A6 are Don
′t care. Please refer to Table 9 for device code.
Note : The 3rd Cycle and 4th Cycle address must include the same bank address. Please refer to Table 9 for device code.
(
K8D1716U)
(K8D1716U)
A19
A-1(x8)
A19
A0(x16)/
A19
A-1(x8)
00H
02H


Similar Part No. - K8D1716UBB-YI09

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D1716UBC SAMSUNG-K8D1716UBC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBC-DC07 SAMSUNG-K8D1716UBC-DC07 Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBC-DC08 SAMSUNG-K8D1716UBC-DC08 Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBC-DC09 SAMSUNG-K8D1716UBC-DC09 Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBC-DI07 SAMSUNG-K8D1716UBC-DI07 Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
More results

Similar Description - K8D1716UBB-YI09

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Samsung semiconductor
K8D6X16UTM SAMSUNG-K8D6X16UTM Datasheet
639Kb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D6X16UTM SAMSUNG-K8D6X16UTM_06 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
logo
Macronix International
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Sharp Corporation
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
Silicon Storage Technol...
SST36VF1601C SST-SST36VF1601C Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com