Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST36VF1601C Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST36VF1601C
Description  16 Mbit (x8/x16) Dual-Bank Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST36VF1601C Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST36VF1601C Datasheet HTML 5Page - Silicon Storage Technology, Inc SST36VF1601C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST36VF1601C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST36VF1601C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST36VF1601C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST36VF1601C Datasheet HTML 10Page - Silicon Storage Technology, Inc SST36VF1601C Datasheet HTML 11Page - Silicon Storage Technology, Inc SST36VF1601C Datasheet HTML 12Page - Silicon Storage Technology, Inc SST36VF1601C Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet
16 Mbit Dual-Bank Flash Memory
SST36VF1601C / SST36VF1602C
9
©2006 Silicon Storage Technology, Inc.
S71249-06-000
1/06
FIGURE 4: SST36VF1602C, 2M X8 DUAL-BANK FLASH MEMORY ORGANIZATION
Top Block Protection; 64 KByte Blocks; 4 KByte Sectors
Block 31
Block 30
Block 29
Block 28
Block 27
Block 26
Block 25
Block 24
Block 23
Block 22
Block 21
Block 20
Block 19
Block 18
Block 17
Block 16
Block 15
Block 14
Block 13
Block 12
Block 11
Block 10
Block 9
Block 8
Block 7
Block 6
Block 5
Block 4
Block 3
Block 2
Block 1
Block 0
16 KByte Block Protection
(4 - 4 KByte Sectors)
1249 F02b.0
1FBFFFH
1F0000H
1FFFFFH
1FC000H
1EFFFFH
1E0000H
1DFFFFH
1D0000H
1CFFFFH
1C0000H
1BFFFFH
1B0000H
1AFFFFH
1A0000H
19FFFFH
190000H
18FFFFH
180000H
17FFFFH
170000H
16FFFFH
160000H
15FFFFH
150000H
14FFFFH
140000H
13FFFFH
130000H
12FFFFH
120000H
11FFFFH
110000H
10FFFFH
100000H
0FFFFFH
0F0000H
0EFFFFH
0E0000H
0DFFFFH
0D0000H
0CFFFFH
0C0000H
0BFFFFH
0B0000H
0AFFFFH
0A0000H
09FFFFH
090000H
08FFFFH
080000H
07FFFFH
070000H
06FFFFH
060000H
05FFFFH
050000H
04FFFFH
040000H
03FFFFH
030000H
02FFFFH
020000H
01FFFFH
010000H
00FFFFH
000000H
Note: The address input range in x8 mode (BYTE#=VIL) is A19-A-1


Similar Part No. - SST36VF1601C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
SST36VF1601 SST-SST36VF1601 Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1601-70-4C-BK SST-SST36VF1601-70-4C-BK Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
SST36VF1601-70-4C-BK SST-SST36VF1601-70-4C-BK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1601-70-4C-EK SST-SST36VF1601-70-4C-EK Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
More results

Similar Description - SST36VF1601C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
   16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
logo
Numonyx B.V
M29DW324DT NUMONYX-M29DW324DT Datasheet
1Mb / 50P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
logo
Samsung semiconductor
K8D6X16UTM SAMSUNG-K8D6X16UTM Datasheet
639Kb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D6X16UTM SAMSUNG-K8D6X16UTM_06 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
STMicroelectronics
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com