Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83195BR-118 Datasheet(PDF) 6 Page - Winbond

Part # W83195BR-118
Description  Clock Generator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BR-118 Datasheet(HTML) 6 Page - Winbond

Back Button W83195BR-118 Datasheet HTML 2Page - Winbond W83195BR-118 Datasheet HTML 3Page - Winbond W83195BR-118 Datasheet HTML 4Page - Winbond W83195BR-118 Datasheet HTML 5Page - Winbond W83195BR-118 Datasheet HTML 6Page - Winbond W83195BR-118 Datasheet HTML 7Page - Winbond W83195BR-118 Datasheet HTML 8Page - Winbond W83195BR-118 Datasheet HTML 9Page - Winbond W83195BR-118 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
W83195BR-118/W83195BG-118
STEPLESS FOR INTEL 915/945 CHIPSETS
- 2 -
3. PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
PCI3
PCI4
PCI5
GND
VDDP
PCI_F0
&FS0/PCI_F1
*FS1/PCI_F2
VDD48
&SEL24_48#/24_48MHz
48MHz
GND
DOTT
DOTC
VTT_PWRGD#/PD
PCIET0
PCIEC0
VDDPE
GND
PCIET1
PCIEC1
PCIET2
PCIEC2
GND
SRCT
SRCC
VDDS
VDDP
PCI2
PCI1
PCI0
RESET#
REF0/&FS2
REF1
GND
XIN
XOUT
VDDR
*SCLK
*SDATA
CPUT0
CPUC0
VDDC
CPUT1
CPUC1
GND
IREF
GNDA
VDDA
VDDPE
PCIET4
PCIEC4
PCIET3
PCIEC3
GND
#: Active low
*: Internal pull up resistor 120K to VDD
&: Internal Pull-down resistor 120K to GND


Similar Part No. - W83195BR-118

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
More results

Similar Description - W83195BR-118

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
   CLOCK GENERATOR
logo
Rohm
BU3072HFV ROHM-BU3072HFV Datasheet
248Kb / 6P
   Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
   Clock Generator
logo
List of Unclassifed Man...
VT8225 ETC-VT8225 Datasheet
20Kb / 4P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com