Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2STX1360 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2STX1360
Description  LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STX1360 Datasheet(HTML) 2 Page - STMicroelectronics

  2STX1360 Datasheet HTML 1Page - STMicroelectronics 2STX1360 Datasheet HTML 2Page - STMicroelectronics 2STX1360 Datasheet HTML 3Page - STMicroelectronics 2STX1360 Datasheet HTML 4Page - STMicroelectronics 2STX1360 Datasheet HTML 5Page - STMicroelectronics 2STX1360 Datasheet HTML 6Page - STMicroelectronics 2STX1360 Datasheet HTML 7Page - STMicroelectronics 2STX1360 Datasheet HTML 8Page - STMicroelectronics 2STX1360 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1 Absolute Maximum Ratings
2STX1360
2/10
1
Absolute Maximum Ratings
Table 1.
Absolute Maximum Rating
Table 2.
Thermal Data
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
(IE = 0)
80
V
VCEO
Collector-Emitter Voltage (IB = 0)
60
V
VEBO
Emitter-Base Voltage
(IC = 0)
6V
IC
Collector Current
3
A
ICM
Collector Peak Current (tP < 5ms)
5A
IB
Base Current
0.2
A
IBM
Base Peak Current (tP < 5ms)
0.4
A
PTOT
Total dissipation at Tc = 25°C
1W
Tstg
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Symbol
Parameter
Value
Unit
RthJ-case
RthJ-amb
Thermal Resistance Junction-Case_______________Max
Thermal Resistance Junction-Ambient ______ ______Max
44.6
125
°C/W
°C/W


Similar Part No. - 2STX1360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STX1360 STMICROELECTRONICS-2STX1360 Datasheet
289Kb / 10P
   Low voltage fast-switching NPN power bipolar transistors
2STX1360 STMICROELECTRONICS-2STX1360 Datasheet
625Kb / 10P
   Low voltage fast-switching NPN power transistors
2STX1360 STMICROELECTRONICS-2STX1360_07 Datasheet
289Kb / 10P
   Low voltage fast-switching NPN power bipolar transistors
More results

Similar Description - 2STX1360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
September 2003
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
   Low voltage fast-switching NPN power transistor
STD1802 STMICROELECTRONICS-STD1802_07 Datasheet
248Kb / 10P
   Low voltage fast-switching NPN power transistor
STN851 STMICROELECTRONICS-STN851_09 Datasheet
237Kb / 10P
   Low voltage fast-switching NPN power transistor
2STD1665 STMICROELECTRONICS-2STD1665_08 Datasheet
220Kb / 11P
   Low voltage fast-switching NPN power transistor
2STD1665 STMICROELECTRONICS-2STD1665 Datasheet
281Kb / 12P
   Low voltage fast-switching NPN power transistor
STSA851 STMICROELECTRONICS-STSA851 Datasheet
226Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
2STR1160 STMICROELECTRONICS-2STR1160 Datasheet
247Kb / 11P
   Low voltage fast-switching NPN power transistor
2STR1215 STMICROELECTRONICS-2STR1215_08 Datasheet
140Kb / 10P
   Low voltage fast-switching NPN power transistor
STD1802 STMICROELECTRONICS-STD1802 Datasheet
535Kb / 7P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com