Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST36VF1602E-70-4C-B3KE Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST36VF1602E-70-4C-B3KE
Description  16 Mbit (x8/x16) Concurrent SuperFlash
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST36VF1602E-70-4C-B3KE Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST36VF1602E-70-4C-B3KE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-B3KE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-B3KE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-B3KE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-B3KE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-B3KE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-B3KE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-B3KE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-B3KE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Data Sheet
16 Mbit Concurrent SuperFlash
SST36VF1601E / SST36VF1602E
3
©2005 Silicon Storage Technology, Inc.
S71274-03-000
11/05
Sector-Erase/Block-Erase Operation
These devices offer both Sector-Erase and Block-Erase
operations. These operations allow the system to erase the
devices on a sector-by-sector (or block-by-block) basis. The
sector architecture is based on a uniform sector size of 2
KWord. The Block-Erase mode is based on a uniform block
size of 32 KWord. The Sector-Erase operation is initiated by
executing a six-byte command sequence with a Sector-
Erase command (30H) and sector address (SA) in the last
bus cycle. The Block-Erase operation is initiated by execut-
ing a six-byte command sequence with Block-Erase com-
mand (50H) and block address (BA) in the last bus cycle.
The sector or block address is latched on the falling edge of
the sixth WE# pulse, while the command (30H or 50H) is
latched on the rising edge of the sixth WE# pulse. The inter-
nal Erase operation begins after the sixth WE# pulse. Any
commands issued during the Sector- or Block-Erase opera-
tion are ignored except Erase-Suspend and Erase-
Resume. See Figures 13 and 14 for timing waveforms.
Chip-Erase Operation
The devices provide a Chip-Erase operation, which allows
the user to erase all sectors/blocks to the “1” state. This is
useful when a device must be quickly erased.
The Chip-Erase operation is initiated by executing a six-
byte command sequence with Chip-Erase command (10H)
at address 555H in the last byte sequence. The Erase
operation begins with the rising edge of the sixth WE# or
CE#, whichever occurs first. During the Erase operation,
the only valid Read is Toggle Bit or Data# Polling. Any com-
mands issued during the Chip-Erase operation are
ignored. See Table 5 for the command sequence, Figure
12 for timing diagram, and Figure 27 for the flowchart.
When WP# is low, any attempt to Chip-Erase will be
ignored.
Erase-Suspend/Erase-Resume Operations
The Erase-Suspend operation temporarily suspends a
Sector- or Block-Erase operation thus allowing data to be
read from any memory location, or program data into any
sector/block that is not suspended for an Erase operation.
The operation is executed by issuing a one-byte command
sequence with Erase-Suspend command (B0H). The
device automatically enters read mode no more than 10 µs
after the Erase-Suspend command had been issued. (TES
maximum latency equals 10 µs.) Valid data can be read
from any sector or block that is not suspended from an
Erase operation. Reading at address location within erase-
suspended sectors/blocks will output DQ2 toggling and
DQ6 at “1”. While in Erase-Suspend mode, a Program
operation is allowed except for the sector or block selected
for Erase-Suspend. To resume Sector-Erase or Block-
Erase operation which has been suspended, the system
must issue an Erase-Resume command. The operation is
executed by issuing a one-byte command sequence with
Erase Resume command (30H) at any address in the one-
byte sequence.
Write Operation Status Detection
These devices provide one hardware and two software
means to detect the completion of a Write (Program or
Erase) cycle in order to optimize the system Write cycle
time. The hardware detection uses the Ready/Busy# (RY/
BY#) output pin. The software detection includes two sta-
tus bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The
End-of-Write detection mode is enabled after the rising
edge of WE#, which initiates the internal Program or Erase
operation.
The actual completion of the nonvolatile write is asynchro-
nous with the system; therefore, either a Ready/Busy# (RY/
BY#), a Data# Polling (DQ7), or Toggle Bit (DQ6) Read may
be simultaneous with the completion of the Write cycle. If
this occurs, the system may get an erroneous result, i.e.,
valid data may appear to conflict with either DQ7 or DQ6. In
order to prevent spurious rejection if an erroneous result
occurs, the software routine should include a loop to read
the accessed location an additional two (2) times. If both
Reads are valid, then the Write cycle has completed, other-
wise the rejection is valid.


Similar Part No. - SST36VF1602E-70-4C-B3KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST36VF1602 SST-SST36VF1602 Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1602-70-4C-BK SST-SST36VF1602-70-4C-BK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1602-70-4C-EK SST-SST36VF1602-70-4C-EK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1602-70-4E-BK SST-SST36VF1602-70-4E-BK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1602-70-4E-EK SST-SST36VF1602-70-4E-EK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
More results

Similar Description - SST36VF1602E-70-4C-B3KE

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
   32 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF1642D SST-SST34HF1642D Datasheet
488Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com