Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST36VF1602E-70-4C-EKE Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST36VF1602E-70-4C-EKE
Description  16 Mbit (x8/x16) Concurrent SuperFlash
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST36VF1602E-70-4C-EKE Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST36VF1602E-70-4C-EKE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-EKE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-EKE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-EKE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-EKE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-EKE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-EKE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-EKE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST36VF1602E-70-4C-EKE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Data Sheet
16 Mbit Concurrent SuperFlash
SST36VF1601E / SST36VF1602E
11
©2005 Silicon Storage Technology, Inc.
S71274-03-000
11/05
FIGURE 5: PIN ASSIGNMENTS FOR 48-BALL TFBGA (6MM X 8MM)
FIGURE 6: PIN ASSIGNMENTS FOR 48-LEAD TSOP (12MM X 20MM)
A13
A9
WE#
RY/BY#
A7
A3
A12
A8
RST#
WP#
A17
A4
A14
A10
NC
A18
A6
A2
A15
A11
A19
NC
A5
A1
A16
DQ7
DQ5
DQ2
DQ0
A0
BYTE#
DQ14
DQ12
DQ10
DQ8
CE#
NOTE*
DQ13
VDD
DQ11
DQ9
OE#
VSS
DQ6
DQ4
DQ3
DQ1
VSS
TOP VIEW (balls facing down)
6
5
4
3
2
1
A
B
C
D
E
F
G
H
Note* = DQ15/A-1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1274 48-tsop P02.0
Standard Pinout
Top View
Die Up
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE#
RST#
NC
WP#
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE#
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VDD
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
VSS
CE#
A0


Similar Part No. - SST36VF1602E-70-4C-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST36VF1602 SST-SST36VF1602 Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1602-70-4C-BK SST-SST36VF1602-70-4C-BK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1602-70-4C-EK SST-SST36VF1602-70-4C-EK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1602-70-4E-BK SST-SST36VF1602-70-4E-BK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
SST36VF1602-70-4E-EK SST-SST36VF1602-70-4E-EK Datasheet
265Kb / 26P
   16 Megabit Concurrent SuperFlash
More results

Similar Description - SST36VF1602E-70-4C-EKE

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
   32 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF1642D SST-SST34HF1642D Datasheet
488Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com