Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5015PFB Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5015PFB
Description  TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5015PFB Datasheet(HTML) 5 Page - Texas Instruments

  TAS5015PFB Datasheet HTML 1Page - Texas Instruments TAS5015PFB Datasheet HTML 2Page - Texas Instruments TAS5015PFB Datasheet HTML 3Page - Texas Instruments TAS5015PFB Datasheet HTML 4Page - Texas Instruments TAS5015PFB Datasheet HTML 5Page - Texas Instruments TAS5015PFB Datasheet HTML 6Page - Texas Instruments TAS5015PFB Datasheet HTML 7Page - Texas Instruments TAS5015PFB Datasheet HTML 8Page - Texas Instruments TAS5015PFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TAS5015
SLES017 – SEPTEMBER 2001
5
www.ti.com
functional description
serial audio port
The serial audio port consists of a shift clock (SCLK pin), a left/right frame synchronization clock (LRCLK pin),
and a data input (SDIN pin). The serial audio port supports standard serial PCM formats (Fs = 44.1-kHz, 48-kHz,
88.2-kHz, 96-kHz, 176.4-kHz, or 192-kHz stereo). See the serial interface formats section.
system clocks—master mode and slave mode
The TAS5015 allows multiple system clocking schemes. Master mode indicates that the TAS5015 provides
system clocks to other parts of the system (M_S=1). Audio system clocks of frequency 128 Fs MCLK_OUT
(quad speed), 64 Fs SCLK, and Fs LRCLK are output from this device when it is configured in master mode.
Slave mode indicates that a system master other than the TAS5015 provides system clocks (LRCLK, SCLK,
and MCLK_IN) to the TAS5015 (M_S = 0). The TAS5015 operates with LRCLK and SCLK synchronized to
MCLK. The TAS5015 does not require any specific phase relationship between LRCLK and MCLK, but there
must be synchronization. In the slave mode, MCLK_OUT is driven low. Table 1 shows all the possible master
and slave modes.
sampling frequency
The normal sampling frequency is either 11.2896 MHz (Fs = 44.1 kHz) or 12.288 MHz (Fs = 48 kHz). Twice the
normal sampling frequency can be selected by using the DBSPD pin which allows usage of Fs = 88.2 kHz or
Fs = 96 kHz. In the double-speed slave mode (DBSPD = 1, M_S = 0), the external clock input is either
22.5796 MHz (Fs = 88.2 kHz) or 24.576 MHz (Fs = 96 kHz). Table 1 explains the proper clock selection.
Table 1. External Clock and External PLL Functions
DESCRIPTION
M_S
DBSPD
DEM_EN
DEM_SEL
MCLK_IN
(MHz)
HFCLK
(MHz)
SCLK
(MHz)
LRCLK
(KHz)
MCLK_OUT
(MHz)
External PLL, master, normal
1
0
0
0
90 3168
2 8224
44 1
11 2896
External PLL, master, normal
speed (see Notes 1 and 2)
1
0
1
0
90.3168
2.8224
44.1
11.2896
External PLL, master, normal
1
0
1
1
98 304
3 072
48
12 288
External PLL, master, normal
speed (see Notes 1 and 2)
1
0
0
0
98.304
3.072
48
12.288
External PLL, master, double
speed (see Notes 1 and 2)
1
1
0
0
90.3168
5.6448
88.2
22.5792
External PLL, master, double
speed (see Note 1 and 2)
1
1
0
0
98.304
6.144
96
24.576
External PLL, master, quad speed
(see Notes 1 and 2)
1
0
0
1
90.3168
11.2896
176.4
22.5792
External PLL, master, quad speed
(see Notes 1 and 2)
1
0
0
1
98.304
12.288
192
24.576
External PLL, slave, normal speed
0
0
0
0
11 2896
90 3168
2 8224
44 1
11 2896
External PLL, slave, normal s eed
(see Notes 3, 4, and 5)
0
0
1
0
11.2896
90.3168
2.8224
44.1
11.2896
External PLL, slave, normal speed
0
0
1
1
12 288
98 304
3 072
48
12 288
External PLL, slave, normal s eed
(see Notes 3, 4, and 5)
0
0
0
0
12.288
98.304
3.072
48
12.288
NOTES:
1. SCLK and LRCLK are outputs
2. MCLK_IN tied LOW
3. External MCLK connected to MCLK_IN input
4. SCLK and LRCLK are inputs
5. MCLK_OUT is a buffered version of the external MCLK input


Similar Part No. - TAS5015PFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5015PFB TI-TAS5015PFB Datasheet
240Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
More results

Similar Description - TAS5015PFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_15 Datasheet
407Kb / 21P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS50001 DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015 Datasheet
240Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010 Datasheet
229Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5010 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_15 Datasheet
232Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS 5012 DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_15 Datasheet
404Kb / 21P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS 5010 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com