Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9281ALTG00 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9281ALTG00
Description  IC FOR 10.00 - 60.00 MHz XO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9281ALTG00 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9281ALTG00 Datasheet HTML 1Page - Micro Analog systems MAS9281ALTG00 Datasheet HTML 2Page - Micro Analog systems MAS9281ALTG00 Datasheet HTML 3Page - Micro Analog systems MAS9281ALTG00 Datasheet HTML 4Page - Micro Analog systems MAS9281ALTG00 Datasheet HTML 5Page - Micro Analog systems MAS9281ALTG00 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 (6)
DA9281.002
10 July 2006
IC OUTLINES
Note: Die map reference is the actual left bottom corner of the sawn chip.
SERIES CONFIGURATION
Product Code
Output
Frequency
Crystal
Load (pF)
Output Load
(pF)
Output
Duty Level
Power Down
Function
Frequency
Range (MHz)
MAS9281AA
fo
9
15
CMOS
Yes
10 - 60
MAS9281AB
fo/2
9
15
CMOS
Yes
10 - 60
MAS9281AC
fo/4
9
15
CMOS
Yes
10 - 60
MAS9281AD
fo/8
9
15
CMOS
Yes
10 - 60
MAS9281AE
fo/16
9
15
CMOS
Yes
10 - 60
MAS9281AG
fo
11
15
CMOS
Yes
10 - 60
MAS9281AH
fo/2
11
15
CMOS
Yes
10 - 60
MAS9281AJ
fo/4
11
15
CMOS
Yes
10 - 60
MAS9281AK
fo/8
11
15
CMOS
Yes
10 - 60
MAS9281AL
fo/16
11
15
CMOS
Yes
10 - 60
MAS9281AN
fo
14.5
15
CMOS
Yes
10 – 44
MAS9281AP
fo/2
14.5
15
CMOS
Yes
10 – 44
MAS9281AQ
fo/4
14.5
15
CMOS
Yes
10 – 44
MAS9281AR
fo/8
14.5
15
CMOS
Yes
10 – 44
MAS9281AS
fo/16
14.5
15
CMOS
Yes
10 - 44
MAS9281AT
fo/512
14.5
15
CMOS
Yes
10 - 44
MAS9281A0
fo
14.5
15
CMOS
Yes
10 – 44
MAS9281A1
fo/2
14.5
15
CMOS
Yes
10 – 44
MAS9281A2
fo/4
14.5
15
CMOS
Yes
10 – 44
MAS9281A3
fo/8
14.5
15
CMOS
Yes
10 – 44
MAS9281A4
fo/16
14.5
15
CMOS
Yes
10 – 44
VSS
X1
X2
PD
OUT
VDD
MAS9281A1
850um
988um
Die map reference


Similar Part No. - MAS9281ALTG00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9280 MAS-MAS9280 Datasheet
137Kb / 8P
   IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A1SM06 MAS-MAS9280A1SM06 Datasheet
137Kb / 8P
   IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A1TG00 MAS-MAS9280A1TG00 Datasheet
137Kb / 8P
   IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A2TG00 MAS-MAS9280A2TG00 Datasheet
137Kb / 8P
   IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A3SM06 MAS-MAS9280A3SM06 Datasheet
137Kb / 8P
   IC FOR 18.00 - 40.00 MHz VCTCXO
More results

Similar Description - MAS9281ALTG00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
   IC for 10.00 - 30.00 MHz VCTCXO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
   IC for 10.00 - 30.00 MHz VCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
   IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
   IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9278 MAS-MAS9278_10 Datasheet
58Kb / 5P
   IC for 10.00 ??30.00 MHz VCXO
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
   IC FOR 10.00 - 36.00 MHz VCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
   IC FOR 10.00 - 30.00 MHz VCTCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
   IC FOR 10.00 - 20.00 MHz VCXO
MAS9283 MAS-MAS9283 Datasheet
199Kb / 14P
   IC FOR 10.00 - 56.00 MHz VCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
   IC FOR 10.00 - 40.00 MHz PXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com