Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30410 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL30410
Description  SONET/SDH Network Element PLL
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30410 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button ZL30410 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30410 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30410 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30410 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30410 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30410 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30410 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30410 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30410 Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
ZL30407
Data Sheet
7
Zarlink Semiconductor Inc.
Pin Description
Pin #
Name
Description
1IC
Internal Connection. Leave unconnected.
2-5
A1-A4
Address 1 to 4 (5 V tolerant input). Address inputs for the parallel processor
interface. Connect to ground in Hardware Control.
6GND
Ground. Negative power supply.
7-8
A5-A6
Address 5 to 6 (5 V tolerant input). Address inputs for the parallel processor
interface. Connect to ground in Hardware Control.
9FCS
Filter Characteristic Select (Input). In Hardware Control, FCS selects the
filtering characteristics of the ZL30407. Set this pin high to have a loop filter
corner frequency of 0.1 Hz and limit the phase slope to 885 ns/sec. Set this pin
low to have corner frequency of 1.5 Hz and limit the phase slope to 41 ns per
1.326 ms. Connect to ground in Software Control. This pin is internally pulled
down to GND.
10
VDD
Positive Power Supply
11
GND
Ground
12
F16o
Frame Pulse ST-BUS 8.192 Mbps (CMOS tristate output). This is an 8 kHz,
61 ns wide, active low framing pulse, which marks beginning of a ST-BUS
frame. This frame pulse is typically used for ST-BUS operation at 8.192 Mbps.
13
C16o
Clock 16.384 MHz (CMOS tristate output). This clock is used for ST-BUS
operation at 8.192 Mbps.
14
C8o
Clock 8.192 MHz (CMOS tristate output). This clock is used for ST-BUS
operation at 8.192 Mbps.
15
C4o
Clock 4.096 MHz (CMOS tristate output). This clock is used for ST-BUS
operation at 2.048 Mbps.
16
C2o
Clock 2.048 MHz (CMOS tristate output). This clock is used for ST-BUS
operation at 2.048 Mbps.
17
F0o
Frame Pulse ST-BUS 2.048 Mbps (CMOS tristate output). This is an 8 kHz,
244 ns, active low framing pulse, which marks the beginning of a ST-BUS
frame. This is typically used for ST-BUS operation at 2.048 Mbps and
4.096 Mbps.
18
MS1
Mode Select 1 (Input). The MS1 and MS2 pins select the ZL30407 mode of
operation (Normal, Holdover or Free-run), see Table 2 on page 22 for details.
The logic level at this input is sampled by the rising edge of the F8o frame
pulse. Connect to ground in Software Control.
19
MS2
Mode Select 2 (Input). The MS2 and MS1 pins select the ZL30407 mode of
operation (Normal, Holdover or Free-run), see Table 2 on page 22 for details.
The logic level at this input is sampled by the rising edge of the F8o frame
pulse. Connect to ground in Software Control.


Similar Part No. - ZL30410

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30410 ZARLINK-ZL30410 Datasheet
400Kb / 38P
   Multi-service Line Card PLL
ZL30410 ZARLINK-ZL30410 Datasheet
497Kb / 39P
   Multi-service Line Card PLL
ZL30410QCC ZARLINK-ZL30410QCC Datasheet
400Kb / 38P
   Multi-service Line Card PLL
ZL30410QCC ZARLINK-ZL30410QCC Datasheet
497Kb / 39P
   Multi-service Line Card PLL
ZL30410QCG1 ZARLINK-ZL30410QCG1 Datasheet
497Kb / 39P
   Multi-service Line Card PLL
More results

Similar Description - ZL30410

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
ZL30402 ZARLINK-ZL30402 Datasheet
629Kb / 41P
   SONET/SDH Network Element PLL
ZL30402 ZARLINK-ZL30402_06 Datasheet
470Kb / 44P
   SONET/SDH Network Element PLL
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30108 ZARLINK-ZL30108_06 Datasheet
309Kb / 28P
   SONET/SDH Network Interface DPLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com