Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30415GGF Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # ZL30415GGF
Description  SONET/SDH Clock Multiplier PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30415GGF Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  ZL30415GGF Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL30415GGF Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL30415GGF Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30415GGF Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30415GGF Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30415GGF Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30415GGF Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30415GGF Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30415GGF Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ZL30415
Data Sheet
5
Zarlink Semiconductor Inc.
2.2
Frequency/Phase Detector
The Frequency/Phase Detector compares the frequency/phase of the input reference signal with the feedback
signal from the Frequency Divider circuit and provides an error signal equal to the frequency/phase
difference between the two. This error signal is passed to the Loop Filter circuit.
2.3
Lock Indicator
The ZL30415 has a built-in LOCK detector that measures frequency difference between input reference clock C19i
and the VCO frequency. When the VCO frequency is less than ±300 ppm apart from the input reference frequency
then the LOCK output is set high. The LOCK output is pulled low if the frequency difference exceeds ±1000 ppm.
2.4
Loop Filter
The Loop Filter is a low-pass filter. This low-pass filter eliminates high frequency spectral components from a phase
error signal produced by the Phase Detector. This ensures low output jitter that meets network jitter requirements.
The corner frequency of the Loop Filter is configurable with an external capacitor and resistor connected to the LPF
ball and ground as shown in Figure 3.
Figure 3 - Loop Filter Elements
2.5
VCO
The voltage-controlled oscillator (VCO) receives the filtered error signal from the Loop Filter, and based on the
voltage of the error signal generates a primary frequency. The VCO output is connected to the "Frequency Dividers
and Clock Drivers" block that divides VCO frequency and buffer generated clocks.
RF
CF
ZL30415
LPF
RF=8.2 kΩ, CF=470 nF
Filter
Loop
Frequency
and Phase
Detector
VCO


Similar Part No. - ZL30415GGF

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30415GGC ZARLINK-ZL30415GGC Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
More results

Similar Description - ZL30415GGF

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30414 ZARLINK-ZL30414 Datasheet
421Kb / 24P
   SONET/SDH Clock Multiplier PLL
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com