Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30407 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL30407
Description  SONET/SDH Clock Multiplier PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30407 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL30407 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL30407 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL30407 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30407 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30407 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30407 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30407 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30407 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30407 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003-2006, Zarlink Semiconductor Inc. All Rights Reserved.
Features
• Meets jitter requirements of Telcordia GR-253-
CORE for OC-12, OC-3, and OC-1 rates
• Meets jitter requirements of ITU-T G.813 for STM-
4, and STM-1 rates
• Provides one differential LVPECL output clock
selectable to 19.44 MHz, 38.88 MHz, 77.76 MHz,
155.52 MHz, or 622.08 MHz
• Provides a single-ended CMOS output clock at
19.44 MHz
• Accepts a single-ended CMOS reference at
19.44 MHz or a differential LVDS, LVPECL, or
CML reference at 19.44 MHz or 77.76 MHz
• Provides a LOCK indication
• 3.3 V supply
Applications
• SONET/SDH line cards
Description
The ZL30415 is an analog phase-locked loop (APLL)
designed to provide jitter attenuation and rate
conversion for SDH (Synchronous Digital Hierarchy)
and
SONET
(Synchronous
Optical
Network)
networking equipment. The ZL30415 generates low
jitter output clocks that meet the jitter requirements of
Telcordia GR-253-CORE OC-12, OC-3, OC-1 rates
and ITU-T G.813 STM-4 and STM-1 rates.
The ZL30415 accepts a CMOS compatible reference
at 19.44 MHz or a differential LVDS, LVPECL, or CML
reference at 19.44 MHz or 77.76 MHz and generates a
differential LVPECL output clock selectable to
19.44 MHz, 38.88 MHz, 77.76 MHz, 155.52 MHz, or
622.08 MHz, and a single-ended CMOS clock at
19.44 MHz. The ZL30415 provides a lock indication.
September 2006
Ordering Information
ZL30415GGC
64 Ball CABGA
Trays
ZL30415GGF
64 Ball CABGA Tape & Reel,
Bake & Drypack
ZL30415GGG2 64 Ball CABGA** Trays, Bake & Drypack
ZL30415GGF2 64 Ball CABGA** Tape & Reel,
Bake & Drypack
**Pb Free Tin/Silver/Copper
-40
°C to +85°C
ZL30415
SONET/SDH Clock Multiplier PLL
Data Sheet
Figure 1 - Functional Block Diagram
Frequency
Detector
VCO
Frequency
LPF
OC-CLKoP/N
VCC
GND
VDD
C19o
FS2
Loop
Filter
BIAS
& Phase
19.44 MHz and 77.76 MHz
State
Machine
LOCK
Reference
Bias Circuit
and
Dividers
and
Clock
Drivers
C19o, C38o, C77o,
C155o, C622o,
LVPECL output
C19i
Reference
Selection
MUX
REF_SEL
REF_FREQ
REFinP/N
C19oEN
C19i or C77i
CML, LVDS,
LVPECL input
03
FS3
FS1


Similar Part No. - ZL30407

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
ZL30407 ZARLINK-ZL30407 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30407 ZARLINK-ZL30407 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30407 ZARLINK-ZL30407 Datasheet
605Kb / 57P
   SONET/SDH Network Element PLL
ZL30407 ZARLINK-ZL30407 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
More results

Similar Description - ZL30407

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30414 ZARLINK-ZL30414 Datasheet
421Kb / 24P
   SONET/SDH Clock Multiplier PLL
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com