Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8434EESTR-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A8434EESTR-T
Description  6-Channel High Efficiency Charge Pump White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8434EESTR-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A8434EESTR-T Datasheet HTML 3Page - Allegro MicroSystems A8434EESTR-T Datasheet HTML 4Page - Allegro MicroSystems A8434EESTR-T Datasheet HTML 5Page - Allegro MicroSystems A8434EESTR-T Datasheet HTML 6Page - Allegro MicroSystems A8434EESTR-T Datasheet HTML 7Page - Allegro MicroSystems A8434EESTR-T Datasheet HTML 8Page - Allegro MicroSystems A8434EESTR-T Datasheet HTML 9Page - Allegro MicroSystems A8434EESTR-T Datasheet HTML 10Page - Allegro MicroSystems A8434EESTR-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
6-Channel High Efficiency Charge Pump
White LED Driver
A8434
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Figure 7. LED disable subcircuit. Subcircuit for one LEDx pin shown. A similar block is
connected to each LEDx pin.
+
+
VBATT
A8434
CIN
COUT
D1
D2
D3
D4
D6
D5
LED1
VOUT
1×, 1.5×, 2×
Charge Pump
VIN
VIN – 0.4
VOUT – 0.4
Current
Sink
LED Disable Block
One of six blocks
Overvoltage Protection
The A8434 is protected up to 4.9 V supply voltage, against
accidental overvoltage caused by an open LED. When any LED
opens, VOUT will increase till 6 V. Remaining LEDs will continue
to function normally. Normal operation will be resumed when the
fault is removed.
LED Disconnection
Every LEDx pin has a disable subcircuit, as shown in figure 7.
The A8434 compares the voltage on each LED pin, and if
the voltage on the pin is greater than either VOUT – 0.4 V or
VIN – 0.4 V, then the corresponding LED pin is disabled.
If any WLED is not used, connect the corresponding pin to
VOUT. Never leave open any unused WLED pin. LED pins will
sink 20 μA typical when connected to VOUT and the correspond-
ing LED group (main or sub) is enabled.
Note: In shutdown mode (ENM = ENS = 0 V for > 0.5 ms), the
total leakage current is < 1μA.
Thermal Shutdown
The IC is internally protected against overtemperature. The
overtemperature limit is set to 165°C nominal. The IC shuts down
when the junction temperature exceeds 165°C and automatically
turns on again when the IC cools.
Component Selection
Ceramic capacitors with X5R or X7R dielectric are recom-
mended for the input capacitor, CIN, the output capacitor, COUT,
and the charge pump capacitors, C1 and C2.


Similar Part No. - A8434EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
   White LED Driver Constant Current Step-up Converter
A8430EEK ALLEGRO-A8430EEK Datasheet
329Kb / 10P
   White LED Driver Constant Current Step-up Converter
A8430EEK-T ALLEGRO-A8430EEK-T Datasheet
329Kb / 10P
   White LED Driver Constant Current Step-up Converter
A8431 ALLEGRO-A8431 Datasheet
331Kb / 10P
   White LED Driver Constant Current Step-up Converter
April 5, 2005
A8431EEH-T ALLEGRO-A8431EEH-T Datasheet
331Kb / 10P
   White LED Driver Constant Current Step-up Converter
April 5, 2005
More results

Similar Description - A8434EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com