Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1582 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM1582
Description  3A LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CM1582 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM1582 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CM1582
3A LOW DROPOUT VOLTAGE REGULATOR
2002/02/05
Preliminary Rev. 1
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM1582 is a high performance low dropout regulator
rated for 3A output current with fixed 1.8V/2.5V/3.3V/5.0V and
adjustable output. It is designed for use in applications
requiring low dropout characteristics over the rated current
range.
When the second low-current input voltage is applied, the
dropout voltage can be as low as 100mV at light loads and up
to 500mV at maximum output current. On chip trimming
adjusts the reference voltage to 1%. These features are ideal
for low voltage microprocessor applications requiring a
regulated 1.8V to 3.6V power supply.
In addition, the CM1582 provides the device protections
including over current and thermal shutdown. The CM1582
series are ideal to the next generation microprocessor on
motherboards where both 5V and 3.3V are available.
!
Input-Output differential of typical 500mV at 3A and low
quiescent current
!
Output Current is excess of 3A
!
Remote sense pin available
!
Reverse battery protection
!
Short Circuit Protection
!
Internal Thermal Overload Protection
!
5L TO-220 and 5L TO-263 package available
APPLICATIONS
!
Power Supplies
!
Computer Add-On Cards
!
Other Applications Requiring Low Dropout Voltage Over
Rated Current
PIN CONFIGURATION
TO-220
Top View
12
3
45
TO-263
Top View
3
2
1
SENSE
4
5
GN D /A D J
V OUT
V CONTROL
VPOWER


Similar Part No. - CM1582

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM158 VCC-CM158 Datasheet
32Kb / 1P
   Wedge Base
logo
Chicago Miniature Lamp,...
CM1580 CML-CM1580 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1580 VCC-CM1580 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CM1581CN220 ETC1-CM1581CN220 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1582

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com