Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

594D3.3X0-016C2T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 594D3.3X0-016C2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D3.3X0-016C2T Datasheet(HTML) 5 Page - Vishay Siliconix

  594D3.3X0-016C2T Datasheet HTML 1Page - Vishay Siliconix 594D3.3X0-016C2T Datasheet HTML 2Page - Vishay Siliconix 594D3.3X0-016C2T Datasheet HTML 3Page - Vishay Siliconix 594D3.3X0-016C2T Datasheet HTML 4Page - Vishay Siliconix 594D3.3X0-016C2T Datasheet HTML 5Page - Vishay Siliconix 594D3.3X0-016C2T Datasheet HTML 6Page - Vishay Siliconix 594D3.3X0-016C2T Datasheet HTML 7Page - Vishay Siliconix 594D3.3X0-016C2T Datasheet HTML 8Page - Vishay Siliconix 594D3.3X0-016C2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
70
594D
Vishay Sprague
Document Number 40006
Revision 09-Mar-05
For technical questions, contact tantalum@vishay.com
7.1
At + 25
°C, the leakage current shall not exceed the
value listed in the Standard Ratings Table.
7.2
At + 85
°C, the leakage current shall not exceed 10
times the value listed in the Standard Ratings Table.
7.3
At + 125
°C, the leakage current shall not exceed
12 times the value listed in the Standard Ratings Table.
1.
Operating Temperature: Capacitors are designed
to operate over the temperature range of
- 55°C to + 85°C.
1.1
Capacitors may be operated to + 125°C with voltage
derating to two-thirds the + 85°C rating.
2.
DC Working Voltage: The DC working voltage is
the maximum operating voltage for continuous
duty at the rated temperature.
3.
Surge Voltage: The surge DC rating is the
maximum voltage to which the capacitors may be
subjected under any conditions, including transients
and peak ripple at the highest line voltage.
3.1
Surge Voltage Test: Capacitors shall withstand
the surge voltage applied in series with a 33 ohm
± 5% resistor at the rate of one-half minute on,
one-half minute off, at + 85°C, for 1000 successive
test cycles.
3.2
Following the surge voltage test, the dissipation
factor and the leakage current shall meet the initial
requirements; the capacitance shall not have
changed more than ± 10%.
4.
Capacitance Tolerance: The capacitance of all
capacitors shall be within the specified tolerance
limits of the normal rating.
4.1
Capacitance measurements shall be made by means
of polarized capacitance bridge. The polarizing volt
age shall be of such magnitude that there shall be no
reversal of polarity due to the AC component. The
maximum voltage applied to capacitors during
measurement shall be 2 volts rms at 120 Hz at +25°C.
If the AC voltage applied is less than one-half volt
rms, no DC bias is required. Accuracy of the bridge
shall be within ± 2%.
5.
Capacitance Change With Temperature: The
capacitance change with temperature shall not
exceed the following percentage of the capacitance
measured at + 25°C:
- 55°C
- 10%
+ 85°C
+ 10%
+ 125°C
+ 12%
6.
Dissipation Factor: The dissipation factor, deter-
mined from the expression 2πfRC, shall not exceed
values listed in the Standard Ratings Table.
6.1
Measurements shall be made by the bridge
method at, or referred to, a frequency of 120 Hz
and a temperature of + 25°C.
7.
Leakage Current: Capacitors shall be stabilized at
the rated temperature for 30 minutes.
Rated voltage shall be applied to capacitors for 5
minutes using a steady source of power (such as a
regulated power supply) with 1000 ohm resistor
connected in series with the capacitor under test to
limit the charging current. Leakage current shall
then be measured.
Note that the leakage current varies with applied volt
age. See graph below for the appropriate adjustment
factor.
TYPICAL LEAKAGE CURRENT FACTOR RANGE
+ 85
°C Rating
+ 125
°C Rating
Working
Voltage
(V)
Working
Voltage
(V)
Surge
Voltage
(V)
Surge
Voltage
(V)
4.0
6.3
10
16
20
25
35
50
5.2
8
13
20
26
32
46
65
2.7
4
7
10
13
17
23
33
3.4
5
8
12
16
20
28
38
PERFORMANCE CHARACTERISTICS
100
10
1.0
0.1
0.01
0.001 0
10
20
30
40
50
60
70
80
90
100
+ 125
°C
+ 85
°C
+ 55
°C
+ 25
°C
0
°C
- 55
°C
Percent of Rated Voltage


Similar Part No. - 594D3.3X0-016C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D336004B VISHAY-594D336004B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D336004B VISHAY-594D336004B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D336010B VISHAY-594D336010B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D336010B VISHAY-594D336010B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D336016B VISHAY-594D336016B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
More results

Similar Description - 594D3.3X0-016C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
591D VISHAY-591D Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com