Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC23PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC23PWR
Description  Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC23PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC23PWR Datasheet HTML 4Page - Texas Instruments TLV320AIC23PWR Datasheet HTML 5Page - Texas Instruments TLV320AIC23PWR Datasheet HTML 6Page - Texas Instruments TLV320AIC23PWR Datasheet HTML 7Page - Texas Instruments TLV320AIC23PWR Datasheet HTML 8Page - Texas Instruments TLV320AIC23PWR Datasheet HTML 9Page - Texas Instruments TLV320AIC23PWR Datasheet HTML 10Page - Texas Instruments TLV320AIC23PWR Datasheet HTML 11Page - Texas Instruments TLV320AIC23PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1–2
Audio Master/Slave Timing Capability Optimized for TI DSPs (250/272 fs), USB mode
Industry-Standard Master/Slave Support Provided Also (256/384 fs), Normal mode
Glueless Interface to TI McBSPs
Integrated Total Electret-Microphone Biasing and Buffering Solution
Low-Noise MICBIAS pin at 3/4 AVDD for Biasing of Electret Capsules
Integrated Buffer Amplifier With Tunable Fixed Gain of 1 to 5
Additional Control-Register Selectable Buffer Gain of 0 dB or 20 dB
Stereo-Line Inputs
Integrated Programmable Gain Amplifier
Analog Bypass Path of Codec
ADC Multiplexed Input for Stereo-Line Inputs and Microphone
Stereo-Line Outputs
Analog Stereo Mixer for DAC and Analog Bypass Path
Analog Volume Control With Mute
Highly Efficient Linear Headphone Amplifier
30 mW into 32
Ω From a 3.3-V Analog Supply Voltage
Flexible Power Management Under Total Software Control
23-mW Power Consumption During Playback Mode
Standby Power Consumption <150
µW
Power-Down Power Consumption <15
µW
Industry’s Smallest Package: 32-Pin TI Proprietary MicroStar Junior
25 mm2 Total Board Area
28-Pin TSSOP Also Is Available (62 mm2 Total Board Area)
Ideally Suitable for Portable Solid-State Audio Players and Recorders


Similar Part No. - TLV320AIC23PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC23PW TI-TLV320AIC23PW Datasheet
211Kb / 42P
[Old version datasheet]   STereo Audio CODEC, 8- to 96kHz, With Integrated Headphone Amplifier
More results

Similar Description - TLV320AIC23PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC23B TI-TLV320AIC23B Datasheet
231Kb / 50P
[Old version datasheet]   STEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER
TLV320AIC23B TI-TLV320AIC23B_06 Datasheet
726Kb / 56P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23B-Q1 TI1-TLV320AIC23B-Q1 Datasheet
497Kb / 39P
[Old version datasheet]   Stereo Audio Codec, 8- to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23 Datasheet
211Kb / 42P
[Old version datasheet]   STereo Audio CODEC, 8- to 96kHz, With Integrated Headphone Amplifier
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Analog Devices
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com