Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3106E09DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3106E09DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3106E09DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3106E09DBVR Datasheet HTML 2Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 3Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 4Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 5Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 6Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 7Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 8Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 9Page - Texas Instruments TPS3106E09DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
_
+
_
+
ResetLogic
andTimer
0.551V
V
DD
MR
SENSE
GND
RESET
Watchdog
Logicand
Control
WDI
TPS3110
V
IT-
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363D – AUGUST 2001 – REVISED NOVEMBER 2006
FUNCTIONAL BLOCK DIAGRAMS (continued)
Table 1. TPS3103 FUNCTION TABLE
MR
V(PFI) > 0.551 V
VDD > VIT
RESET
PFO
L
0
X(1)
L
L
L
1
X
L
H
H
0
0
L
L
H
0
1
H
L
H
1
0
L
H
H
1
1
H
H
(1)
X = Don’t care.
Table 2. TPS3106 FUNCTION TABLE
MR
V(SENSE) > 0.551 V
VDD > VIT
RSTVDD
RSTSENSE
L
X(1)
X
L
L
H
0
0
L
L
H
0
1
H
L
H
1
0
L
H
H
1
1
H
H
(1)
X = Don’t care.
Table 3. TPS3110 FUNCTION TABLE(1)
MR
V(SENSE) > 0.551 V
VDD > VIT
RESET
L
X(2)
X
L
H
0
0
L
H
0
1
L
H
1
0
L
H
1
1
H
(1)
Function of watchdog-timer not shown.
(2)
X = Don’t care.
6
Submit Documentation Feedback


Similar Part No. - TPS3106E09DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3106E09DBVR TI-TPS3106E09DBVR Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3106E09DBVR TI-TPS3106E09DBVR Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106E09DBVR TI1-TPS3106E09DBVR Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106E09DBVR TI1-TPS3106E09DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3106E09DBVRG4 TI-TPS3106E09DBVRG4 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
More results

Similar Description - TPS3106E09DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com