Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL38065GD Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL38065GD
Description  32 Channel Voice Echo Canceller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL38065GD Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL38065GD Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL38065GD Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL38065GD Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL38065GD Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL38065GD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL38065GD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL38065GD Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL38065GD Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL38065GD Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
ZL38065
Data Sheet
2
Zarlink Semiconductor Inc.
• Wireless base stations
• Echo Canceller pools
Description
The ZL38065 Voice Echo Canceller implements a cost effective solution for telephony voice-band echo cancellation
conforming to ITU-T G.168 requirements. The ZL38065 architecture contains 16 groups of two echo cancellers
(ECA and ECB) which can be configured to provide two channels of 64 ms or one channel of 128 ms echo
cancellation. This provides 32 channels of 64 ms to 16 channels of 128 ms echo cancellation or any combination of
the two configurations. The ZL38065 supports ITU-T G.165 and G.164 tone disable requirements.
Figure 2 - 100 Pin LQFP
D7
D6
D5
D4
D3
D2
D1
D0
CS
DS
VSS
NC
R/W
DTA
VDD2
NC
VSS
ODE
Sout
Rout
Sin
NC
NC
VSS
C4ib
Foib
Rin
VDD2
TMS
TDI
TDO
TCK
VSS
TRSTB
RESETB
IRQB
ZL38065QC
NC
(100 pin LQFP)
VDD1 = 3.3 V
VDD2 = 1.8 V
NC
NC
NC
NC
NC
IC0
IC0
IC0
IC0
IC0
IC0
IC0
IC0


Similar Part No. - ZL38065GD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL38065GDG ZARLINK-ZL38065GDG Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
More results

Similar Description - ZL38065GD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
   256 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com