Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40122DCB Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # ZL40122DCB
Description  High Speed, Current Feedback Quad Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40122DCB Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  ZL40122DCB Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40122DCB Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40122DCB Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40122DCB Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40122DCB Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40122DCB Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40122DCB Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40122DCB Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40122DCB Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ZL40122
Data Sheet
5
Zarlink Semiconductor Inc.
Absolute Maximum Ratings
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed
specifications and the test conditions, see the Electrical Characteristics.
Note 2:
Human body model, 1.5 k
Ω in series with 100 pF. Machine model, 20 Ωin series with 100 pF.
Note 3:
0.8 kV between the pairs of +INA, -INA and +INB pins only. 2 kV between supply pins, OUTA or OUTB pins and any input pin.
Note 4:
±100 mA applied to input and output pins to force the device to go into "latch-up". The device passes this test to JEDEC spec
17.
Note 5:
Positive and Negative supply transient testing increases the supplies by 20% for 100 ms.
Operating Range
Parameter
Symbol
Min.
Max.
Units
1
Vin Differential
VIN
±1.2
V
2
Output Short Circuit Protection
VOS/C
See Apps
Note in this
data sheet
3
Supply voltage
V+, V-
±6.5
V
4
Voltage at Input Pins
V(+IN), V(-IN)
V-
V+
V
5
Voltage at Output Pins
VO
V-
V+
V
6
EDS Protection
(HBM Human Body Model)
(see Note 2)
2
(see Note 3)
kV
7
Storage Temperature
-55
+150
°C
8
Latch-up test
±100 mA
for 100 ms
(see Note 4)
9
Supply transient test
20% pulse
for 100 ms
(see Note 5)
Characteristic
Min.
Typ.
Max.
Units
Comments
Supply Voltage (Vcc)
±4.0
±6.0
V
Operating Temperature (Ambient)
-40
+85
°C
Junction to Ambient resistance
Rth(j-a)
150
°C
4 layer
FR4 board
Junction to Case resistance
Rth(j-c)
60
°C
4 layer
FR4 board


Similar Part No. - ZL40122DCB

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40122DCB ZARLINK-ZL40122DCB Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
More results

Similar Description - ZL40122DCB

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
logo
Analog Devices
OP-260 AD-OP-260 Datasheet
763Kb / 6P
   DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
5/90,Rev.C1
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA603 TI1-OPA603 Datasheet
194Kb / 13P
[Old version datasheet]   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Texas Instruments
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com