Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40514LDF Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL40514LDF
Description  Dual Output DVD and CD 4 Channel Laser Diode Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40514LDF Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL40514LDF Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40514LDF Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40514LDF Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40514LDF Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40514LDF Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40514LDF Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40514LDF Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40514LDF Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40514LDF Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2004-2006, Zarlink Semiconductor Inc. All Rights Reserved.
Features
• Single 5 V supply (±10%)
• 150 mA low-noise read channel with 100 x
current gain
• Three 500 mA write channels with 240 x gain
• Combined channel output 700 mA
• Dual output for DVD/CD laser
• Rise and fall times 1 ns typical
• Oscillator, 500 MHz, 100 mA with external
resistor control of frequency and amplitude
• Power Up/Down control
• LVDS control signals
• > 2 kV ESD
•Low Rth QFN package
• Contact Zarlink for available Custom Gain and
Input Impedance options
Applications
•DVD±RW/RAM
•DVD±R
•CD-RW
•CD-R
• Write optical drives
• Laser Diode current switch
• Supports double density DVD
August 2006
Ordering Information
ZL40510LDE
24 Pin QFN
Tubes, Bake & Drypack
ZL40510LDF
24 Pin QFN
Tape & Reel
ZL40510LDG
24 Pin QFN
Trays, Bake & Drypack
ZL40514LDE
24 Pin QFN
Tubes, Bake & Drypack
ZL40514LDF
24 Pin QFN
Tape & Reel
ZL40514LDG
24 Pin QFN
Trays, Bake & Drypack
-40
°C to +85°C
ZL40510/14
Dual Output DVD and CD
4 Channel Laser Diode Drivers
Data Sheet
Figure 1 - Functional Block Diagram
19
20
GND
21
GND
22
GND
PWR_UP
INR
IN2
IN3
IN4
GND_IN
23
GND
1
EN2
/EN2
24
2
3
EN3
/EN3
4
5
EN4
/EN4
6
VCC_IN
7
OSCEN
8
RFA
RFB
RSA
RSB
SELA
VCC_A
OUTA
GND
OUTB
VCC_B
18
17
16
15
14
13
12
11
10
9


Similar Part No. - ZL40514LDF

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40514LCE ZARLINK-ZL40514LCE Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40514LCF ZARLINK-ZL40514LCF Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
More results

Similar Description - ZL40514LDF

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
3Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511 ZARLINK-ZL40511_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40539 ZARLINK-ZL40539 Datasheet
538Kb / 26P
   Dual Output CD and DVD 4 Channel Laser Diode Driver
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
   Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Sony Corporation
CXA2680ER SONY-CXA2680ER Datasheet
52Kb / 2P
   Five-Channel Dual CD/DVD Laser Driver for Ultra Combo Drives
logo
ATMEL Corporation
ATR0885 ATMEL-ATR0885 Datasheet
130Kb / 6P
   3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com