Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C46RYI-GT Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT93C46RYI-GT
Description  1-Kb Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C46RYI-GT Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT93C46RYI-GT Datasheet HTML 1Page - Catalyst Semiconductor CAT93C46RYI-GT Datasheet HTML 2Page - Catalyst Semiconductor CAT93C46RYI-GT Datasheet HTML 3Page - Catalyst Semiconductor CAT93C46RYI-GT Datasheet HTML 4Page - Catalyst Semiconductor CAT93C46RYI-GT Datasheet HTML 5Page - Catalyst Semiconductor CAT93C46RYI-GT Datasheet HTML 6Page - Catalyst Semiconductor CAT93C46RYI-GT Datasheet HTML 7Page - Catalyst Semiconductor CAT93C46RYI-GT Datasheet HTML 8Page - Catalyst Semiconductor CAT93C46RYI-GT Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
Doc. No. 1107, Rev. F
FEATURES
I High speed operation: 4MHz @ 5V, 2MHz @ 1.8V
I 1.8V to 5.5V supply voltage range
I Selectable x8 or x16 memory organization
I Sequential read
I Software write protection
I Power-up inadvertent write protection
I Low power CMOS technology
I 1,000,000 program/erase cycles
I 100 year data retention
I Industrial temperature range
I RoHS-compliant 8-pin PDIP, SOIC, TSSOP and
8-pad TDFN packages
PIN CONFIGURATION
DESCRIPTION
The CAT93C46R is a 1-Kb CMOS Serial EEPROM
device which is organized as either 64 registers of
16 bits or 128 registers of 8 bits, as determined by the
state of the ORG pin. The CAT93C46R features
sequential read and self-timed internal write with auto-
clear. On-chip Power-On Reset circuitry protects the
internal logic against powering up in the wrong state.
In contrast to the CAT93C46, the CAT93C46R features
an internal instruction clock counter which provides
improved noise immunity for Write/Erase commands.
FUNCTIONAL SYMBOL
Note: When the ORG pin is connected to VCC, the x16 organization
is selected. When it is connected to ground, the x8 pin is selected.
If the ORG pin is left unconnected, then an internal pull-up device
will select the x16 organization.
CS
SK
DI
ORG
DO
VCC
GND
CAT93C46R
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
Power Supply
GND
Ground
ORG
Memory Organization
NC
No Connection
CAT93C46R
1-Kb Microwire Serial EEPROM
PDIP (L)
SOIC (V, X)
TSSOP (Y)
TDFN (VP2)
SOIC (W)
8
7
6
5
VCC
NC
ORG
GND
DI
CS
SK
DO
1
2
3
4
8
7
6
5
ORG
GND
DO
DI
CS
NC
VCC
SK
1
2
3
4
For Ordering Information details, see page 12.
* The Green & Gold seal identifies RoHS-compliant packaging, using NiPdAu
pre-plated lead frames.


Similar Part No. - CAT93C46RYI-GT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46RYI-GT3 ONSEMI-CAT93C46RYI-GT3 Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46RYI-GT3 ONSEMI-CAT93C46RYI-GT3 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
More results

Similar Description - CAT93C46RYI-GT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
CAT93HC46 CATALYST-CAT93HC46_05 Datasheet
239Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com