Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC906PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906PW Datasheet(HTML) 4 Page - Texas Instruments

  CDC906PW Datasheet HTML 1Page - Texas Instruments CDC906PW Datasheet HTML 2Page - Texas Instruments CDC906PW Datasheet HTML 3Page - Texas Instruments CDC906PW Datasheet HTML 4Page - Texas Instruments CDC906PW Datasheet HTML 5Page - Texas Instruments CDC906PW Datasheet HTML 6Page - Texas Instruments CDC906PW Datasheet HTML 7Page - Texas Instruments CDC906PW Datasheet HTML 8Page - Texas Instruments CDC906PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE THERMAL RESISTANCE
CDC906
SCAS828 – SEPTEMBER 2006
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
TSSOP20
NAME
NO.
11, 12, 15,
Y0 to Y5
O
LVCMOS outputs
16, 19, 20
Dependent on SMBus settings, CLK_IN0 is the crystal oscillator input and can also be used as
CLK_IN0
5
I
LVCMOS input or as positive differential signal inputs.
Dependent on SMBus settings, CLK_IN1 is serving as the crystal oscillator output or can be the
CLK_IN1
6
I/O
second LVCMOS input or the negative differential signal input.
VCC
3, 7
Power
3.3-V power supply for the device
VCCOUT1
14
Power
Power 2.5-V to 3.3-V power supply for outputs Y0, Y1
VCCOUT2
18
Power
Power 2.5-V to 3.3-V power supply for outputs Y2, Y3, Y4, Y5
GND
4, 8, 13, 17
Ground
Ground
User programmable control input S0 (PLL bypass or power-down mode) or CLK_SEL (selects one
S0,
1
I
of two LVCMOS clock inputs), dependent on the SMBus settings; LVCMOS inputs; internal pullup
CLK_SEL
150 k
Ω.
User programmable control input S1 (output enable/disable or all output low), dependent on the
S1
2
I
SMBus settings; LVCMOS inputs; internal pullup 150 k
SDATA
9
I/O
Serial control data input/output for SMBus controller; LVCMOS input
SCLOCK
10
I
Serial control clock input for SMBus controller; LVCMOS input
over operating free-air temperature range (unless otherwise noted) (1)
VALUE
UNIT
VCC
Supply voltage range
–0.5 to 4.6
V
VI
Input voltage range(2)
–0.5 to VCC + 0.5
V
VO
Output voltage range(2)
– 0.5 to VCC + 0.5
V
II
Input current (VI < 0, V I > VCC)
±20
mA
IO
Continuous output current
±50
mA
Tstg
Storage temperature range
–65 to 150
°C
TJ
Maximum junction temperature
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
for TSSOP20 (PW) Package(1)(2)
PARAMETER
AIRFLOW (LFM)
°C/W
0
66.3
150
59.3
θ
JA
Thermal resistance junction-to-ambient
250
56.3
500
51.9
θ
JC
Thermal resistance junction-to-case
19.7
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
4
Submit Documentation Feedback


Similar Part No. - CDC906PW

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
   The smart system for automated measuring points
2022-03-04
logo
Sumida Corporation
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDC90D48NP-103MC SUMIDA-CDC90D48NP-103MC Datasheet
159Kb / 2P
   Ferrite drum core construction
CDC90D48NP-103MC SUMIDA-CDC90D48NP-103MC Datasheet
158Kb / 2P
   SMD Power Inductor
CDC90D48NP-123MC SUMIDA-CDC90D48NP-123MC Datasheet
159Kb / 2P
   Ferrite drum core construction
More results

Similar Description - CDC906PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906_10 Datasheet
1Mb / 42P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com