Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1517T1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF1517T1
Description  RF Power Field Effect Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1517T1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF1517T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF1517T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF1517T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF1517T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1517T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1517T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1517T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1517T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1517T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
RF Device Data
Freescale Semiconductor
MRF1517T1
TYPICAL CHARACTERISTICS, 480 - 520 MHz
Pin = 27 dBm
VDD = 7.5 Vdc
2
Pout, OUTPUT POWER (WATTS)
50
10
80
14
30
60
40
35
Figure 4. Gain versus Output Power
Pout, OUTPUT POWER (WATTS)
8
6
14
Figure 5. Drain Efficiency versus Output Power
2
Figure 6. Output Power versus Biasing Current
12
IDQ, BIASING CURRENT (mA)
0
Figure 7. Drain Efficiency versus Biasing Current
80
IDQ, BIASING CURRENT (mA)
Figure 8. Output Power versus Supply Voltage
5
VDD, SUPPLY VOLTAGE (VOLTS)
0
Figure 9. Drain Efficiency versus Supply Voltage
VDD, SUPPLY VOLTAGE (VOLTS)
30
9
8
5
0
40
60
60
30
400
0
4
12
600
1000
80
2
4
6
10
18
200
50
12
200
1000
400
600
69
10
7
67
8
10
3
1
2
6
50
70
500 MHz
520 MHz
480 MHz
56
47
9
10
8
16
68
79
10
11
70
20
500 MHz
520 MHz
480 MHz
800
8
500 MHz
520 MHz
480 MHz
800
70
500 MHz
520 MHz
480 MHz
10
8
500 MHz
520 MHz
480 MHz
500 MHz
520 MHz
480 MHz
10
40
VDD = 7.5 Vdc
VDD = 7.5 Vdc
Pin = 27 dBm
VDD = 7.5 Vdc
Pin = 27 dBm
IDQ = 150 mA
Pin = 27 dBm
IDQ = 150 mA


Similar Part No. - MRF1517T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1517T1 MOTOROLA-MRF1517T1 Datasheet
345Kb / 16P
   The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
More results

Similar Description - MRF1517T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com