Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL2845DR-8 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL2845DR-8
Description  CURRENT-MODE PWM CONTROLLERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2845DR-8 Datasheet(HTML) 5 Page - Texas Instruments

  TL2845DR-8 Datasheet HTML 1Page - Texas Instruments TL2845DR-8 Datasheet HTML 2Page - Texas Instruments TL2845DR-8 Datasheet HTML 3Page - Texas Instruments TL2845DR-8 Datasheet HTML 4Page - Texas Instruments TL2845DR-8 Datasheet HTML 5Page - Texas Instruments TL2845DR-8 Datasheet HTML 6Page - Texas Instruments TL2845DR-8 Datasheet HTML 7Page - Texas Instruments TL2845DR-8 Datasheet HTML 8Page - Texas Instruments TL2845DR-8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038F – JANUARY 1989 – REVISED FEBRUARY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V (see
Note 4), RT = 10 k, CT = 3.3 nF (unless otherwise specified)
reference section
PARAMETER
TEST CONDITIONS
TL284x
TL384x
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Output voltage
IO = 1 mA,
TA = 25°C
4.95
5
5.05
4.9
5
5.1
V
Line regulation
VCC = 12 V to 25 V
6
20
6
20
mV
Load regulation
IO = 1 mA to 20 mA
6
25
6
25
mV
Temperature coefficient
of output voltage
0.2
0.4
0.2
0.4
mV/
°C
Output voltage
with worst-case variation
VCC = 12 V to 25 V,
IO = 1 mA to 20 mA
4.9
5.1
4.82
5.18
V
Output noise voltage
f = 10 Hz to 10 kHz,
TA = 25°C
50
50
µV
Output-voltage long-term drift
After 1000 h at TA = 25°C
5
25
5
25
mV
Short-circuit output current
–30
–100
–180
–30
–100
–180
mA
† All typical values are at TA = 25°C.
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.
oscillator section
PARAMETER
TEST CONDITIONS
TL284x
TL384x
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Oscillator frequency (see Note 5)
TA = 25°C
47
52
57
47
52
57
kHz
Frequency change with supply voltage
VCC = 12 V to 25 V
2
10
2
10
Hz/kHz
Frequency change with temperature
50
50
Hz/kHz
Peak-to-peak amplitude at RT/CT
1.7
1.7
V
† All typical values are at TA = 25°C.
NOTES:
4. Adjust VCC above the start threshold before setting it to 15 V.
5. Output frequency equals oscillator frequency for the TLx842 and TLx843. Output frequency is one-half the oscillator frequency for
the TLx844 and TLx845.
error-amplifier section
PARAMETER
TEST CONDITIONS
TL284x
TL384x
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Feedback input voltage
COMP at 2.5 V
2.45
2.50
2.55
2.42
2.50
2.58
V
Input bias current
–0.3
–1
–0.3
–2
µA
Open-loop voltage amplification
VO = 2 V to 4 V
65
90
65
90
dB
Gain-bandwidth product
0.7
1
0.7
1
MHz
Supply-voltage rejection ratio
VCC = 12 V to 25 V
60
70
60
70
dB
Output sink current
VFB at 2.7 V,
COMP at 1.1 V
2
6
2
6
mA
Output source current
VFB at 2.3 V,
COMP at 5 V
–0.5
–0.8
–0.5
–0.8
mA
High-level output voltage
VFB at 2.3 V,
RL = 15 kΩ to GND
5
6
5
6
V
Low-level output voltage
VFB at 2.7 V,
RL = 15 kΩ to GND
0.7
1.1
0.7
1.1
V
† All typical values are at TA = 25°C.
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.


Similar Part No. - TL2845DR-8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2845DR-8 TI-TL2845DR-8 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2845DR-8 TI-TL2845DR-8 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL2845DR-8 TI-TL2845DR-8 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL2845DR-8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com