Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5822 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 1N5822
Description  Axial Lead Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5822 Datasheet(HTML) 5 Page - ON Semiconductor

  1N5822 Datasheet HTML 1Page - ON Semiconductor 1N5822 Datasheet HTML 2Page - ON Semiconductor 1N5822 Datasheet HTML 3Page - ON Semiconductor 1N5822 Datasheet HTML 4Page - ON Semiconductor 1N5822 Datasheet HTML 5Page - ON Semiconductor 1N5822 Datasheet HTML 6Page - ON Semiconductor 1N5822 Datasheet HTML 7Page - ON Semiconductor 1N5822 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1N5820, 1N5821, 1N5822
http://onsemi.com
5
Figure 1. Maximum Reference Temperature
1N5820
Figure 2. Maximum Reference Temperature
1N5821
Figure 3. Maximum Reference Temperature
1N5822
Figure 4. Steady−State Thermal Resistance
15
2.0
VR, REVERSE VOLTAGE (VOLTS)
115
125
105
30
4.0
VR, REVERSE VOLTAGE (VOLTS)
125
115
105
95
85
75
L, LEAD LENGTH (INCHES)
1/8
0
25
20
15
10
5.0
0
2/8
40
95
85
75
5.0
3.0
4.0
7.0
10
20
5.0
7.0
10
15
20
3/8
4/8
5/8
6/8
7/8
1.0
40
35
30
BOTH LEADS TO HEATSINK,
EQUAL LENGTH
MAXIMUM
TYPICAL
RqJA (°C/W) = 70
50
40
28
20
15
10
8.0
15
VR, REVERSE VOLTAGE (VOLTS)
115
105
95
85
75
5.0
3.0
4.0
7.0
10
20
RqJA (°C/W) = 70
50
40
28
20
15
10
8.0
125
30
RqJA (°C/W) = 70
50
40
28
20
15
10
8.0
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
0.05
0.03
0.02
0.01
0.1
t, TIME (ms)
0.5
0.3
0.2
1.0
LEAD LENGTH = 1/4
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE = tp/t1
PEAK POWER, Ppk, is peak of an
equivalent square power pulse.
DTJL = Ppk • RqJL [D + (1 − D) • r(t1 + tp) + r(tp) − r(t1)] where:
DTJL = the increase in junction temperature above the lead temperature.
r(t) = normalized value of transient thermal resistance at time, t, i.e.:
r(t1 + tp) = normalized value of transient thermal resistance at time
t1 + tp, etc.
Figure 5. Thermal Response
20 k
The temperature of the lead should be measured using a ther-
mocouple placed on the lead as close as possible to the tie point.
The thermal mass connected to the tie point is normally large
enough so that it will not significantly respond to heat surges
generated in the diode as a result of pulsed operation once
steady−state conditions are achieved. Using the measured val-
ue of TL, the junction temperature may be determined by:
TJ = TL + DTJL


Similar Part No. - 1N5822

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5822 MOTOROLA-1N5822 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
New Jersey Semi-Conduct...
1N5822 NJSEMI-1N5822 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
1N5822 WTE-1N5822 Datasheet
45Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
1N5822 MCC-1N5822 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Bytes
1N5822 BYTES-1N5822 Datasheet
151Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 1N5822

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
   Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
   Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
   AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com