Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PMT5.0AT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1PMT5.0AT1
Description  Zener Transient Voltage Suppressor POWERMITE Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1PMT5.0AT1 Datasheet(HTML) 3 Page - ON Semiconductor

  1PMT5.0AT1_05 Datasheet HTML 1Page - ON Semiconductor 1PMT5.0AT1_05 Datasheet HTML 2Page - ON Semiconductor 1PMT5.0AT1_05 Datasheet HTML 3Page - ON Semiconductor 1PMT5.0AT1_05 Datasheet HTML 4Page - ON Semiconductor 1PMT5.0AT1_05 Datasheet HTML 5Page - ON Semiconductor 1PMT5.0AT1_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1PMT5.0AT1/T3 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.25 Volts @ 200 mA)
Device*
Marking
VRWM
VBR @ IT (V) (Note 6)
IT
IR @ VRWM
VC @ IPP
IPP (A)
(Note 5)
Min
Nom
Max
(mA)
(
mA)
(V)
(Note 7)
1PMT5.0AT1, T3, G
MKE
5.0
6.4
6.7
7.0
10
50
9.2
21.7
1PMT7.0AT1, T3, G
MKM
7.0
7.78
8.2
8.6
10
30
12
16.7
1PMT12AT1, T3, G
MLE
12
13.3
14.0
14.7
1.0
1.0
19.9
10.1
1PMT16AT1, T3, G
MLP
16
17.8
18.75
19.7
1.0
1.0
26
7.7
1PMT18AT1, T3
MLT
18
20.0
21.0
22.1
1.0
1.0
29.2
6.8
1PMT22AT1, T3
MLX
22
24.4
25.6
26.9
1.0
1.0
35.5
5.6
1PMT24AT1, T3
MLZ
24
26.7
28.1
29.5
1.0
1.0
38.9
5.1
1PMT26AT1, T3
MME
26
28.9
30.4
31.9
1.0
1.0
42.1
4.8
1PMT28AT1, T3, G
MMG
28
31.1
32.8
34.4
1.0
1.0
45.4
4.4
1PMT30AT1, T3, G
MMK
30
33.3
35.1
36.8
1.0
1.0
48.4
4.1
1PMT33AT1, T3, G
MMM
33
36.7
38.7
40.6
1.0
1.0
53.3
3.8
1PMT36AT1, T3
MMP
36
40.0
42.1
44.2
1.0
1.0
58.1
3.4
1PMT40AT1, T3
MMR
40
44.4
46.8
49.1
1.0
1.0
64.5
2.7
1PMT48AT1, T3
MMX
48
53.3
56.1
58.9
1.0
1.0
77.4
2.3
1PMT51AT1, T3
MMZ
51
56.7
59.7
62.7
1.0
1.0
82.4
2.1
1PMT58AT1, T3
MNG
58
64.4
67.8
71.2
1.0
1.0
93.6
1.9
4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
5. A transient suppressor is normally selected according to the Working Peak Reverse Voltage (VRWM) which should be equal to or greater
than the DC or continuous peak operating voltage level.
6. VBR measured at pulse test current IT at ambient temperature of 25°C.
7. Surge current waveform per Figure 2 and derate per Figure 4.
*The “G’’ suffix indicates Pb−Free package available.


Similar Part No. - 1PMT5.0AT1_05

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1PMT5.0AT1G-T3G LITTELFUSE-1PMT5.0AT1G-T3G Datasheet
647Kb / 5P
   The 1PMT5.0AT1G/T3G Series is designed to protect voltage sensitive components from high voltage
More results

Similar Description - 1PMT5.0AT1_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT50AT1 ONSEMI-1PMT50AT1 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
logo
Microsemi Corporation
3PMT5 MICROSEMI-3PMT5 Datasheet
491Kb / 3P
   POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor
logo
ON Semiconductor
MA3075WALT1 ONSEMI-MA3075WALT1 Datasheet
51Kb / 8P
   Zener Transient Voltage Suppressor
January, 2002 ??Rev. 1
DF3A6.8FUT1 ONSEMI-DF3A6.8FUT1 Datasheet
49Kb / 4P
   Zener Transient Voltage Suppressor
July, 2004 ??Rev. 1
MA3075WALT1G ONSEMI-MA3075WALT1G Datasheet
90Kb / 4P
   Zener Transient Voltage Suppressor
October, 2016 ??Rev. 3
SMF78AT1G ONSEMI-SMF78AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
SMF45AT1G ONSEMI-SMF45AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
1SMF16BT1 ONSEMI-1SMF16BT1 Datasheet
52Kb / 4P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
February, 2004 ??Rev. 1
SMF5.0AT1 ONSEMI-SMF5.0AT1 Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Microsemi Corporation
MPZ5-16 MICROSEMI-MPZ5-16 Datasheet
111Kb / 2P
   High Power Transient Voltage Suppressor and Zener
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com